Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF256 Datasheet(PDF) 33 Page - Dialog Semiconductor

Part # AT25DF256
Description  256-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF256 Datasheet(HTML) 33 Page - Dialog Semiconductor

Back Button AT25DF256 Datasheet HTML 29Page - Dialog Semiconductor AT25DF256 Datasheet HTML 30Page - Dialog Semiconductor AT25DF256 Datasheet HTML 31Page - Dialog Semiconductor AT25DF256 Datasheet HTML 32Page - Dialog Semiconductor AT25DF256 Datasheet HTML 33Page - Dialog Semiconductor AT25DF256 Datasheet HTML 34Page - Dialog Semiconductor AT25DF256 Datasheet HTML 35Page - Dialog Semiconductor AT25DF256 Datasheet HTML 36Page - Dialog Semiconductor AT25DF256 Datasheet HTML 37Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
32
AT25DF256
DS-25DF256–035D–2/2017
Note:
1. Maximum values indicate worst-case performance after 100,000 erase/program cycles.
2. Not 100% tested (value guaranteed by design and characterization).
3. Program and Erase operations characterized at -10°C to +85°C. Program and Erase operations at -40°C to -10°C require
a minimum of 1.7V.
13.6 Program and Erase Characteristics
Symbol
Parameter
1.65V-3.6V
2.3V-3.6V
Min
Typ
Max
Units
tPP
(1)
Page Program Time
256 Bytes
1.5
3.5
1.5
3.5
ms
tBP
Byte Program Time
12
8
µs
tPE
Page Erase Time
256 Bytes
6
25
6
25
ms
tBLKE(1)
Block Erase Time
4 Kbytes
50
75
50
60
ms
32 Kbytes
350
600
300
400
tCHPE(1)(2)
Chip Erase Time
350
600
300
400
ms
tOTPP(1)
OTP Security Register Program Time
400
950
400
950
µs
tWRSR
(2)
Write Status Register Time
20
40
20
40
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com