Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF256 Datasheet(PDF) 14 Page - Dialog Semiconductor

Part # AT25DF256
Description  256-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF256 Datasheet(HTML) 14 Page - Dialog Semiconductor

Back Button AT25DF256 Datasheet HTML 10Page - Dialog Semiconductor AT25DF256 Datasheet HTML 11Page - Dialog Semiconductor AT25DF256 Datasheet HTML 12Page - Dialog Semiconductor AT25DF256 Datasheet HTML 13Page - Dialog Semiconductor AT25DF256 Datasheet HTML 14Page - Dialog Semiconductor AT25DF256 Datasheet HTML 15Page - Dialog Semiconductor AT25DF256 Datasheet HTML 16Page - Dialog Semiconductor AT25DF256 Datasheet HTML 17Page - Dialog Semiconductor AT25DF256 Datasheet HTML 18Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
13
AT25DF256
DS-25DF256–035D–2/2017
boundary (multiples of eight bits); otherwise, the device will abort the operation and the state of the WEL bit will not
change.
Figure 9-1. Write Enable
9.2
Write Disable
The Write Disable command is used to reset the Write Enable Latch (WEL) bit in the Status Register to the logical “0”
state. With the WEL bit reset, all Byte/Page Program, erase, Program OTP Security Register, and Write Status Register
commands will not be executed. Other conditions can also cause the WEL bit to be reset; for more details, refer to the
WEL bit section of the Status Register description.
To issue the Write Disable command, the CS pin must first be asserted and the opcode of 04h must be clocked into the
device. No address bytes need to be clocked into the device, and any data clocked in after the opcode will be ignored.
When the CS pin is deasserted, the WEL bit in the Status Register will be reset to a logical “0”. The complete opcode
must be clocked into the device before the CS pin is deasserted, and the CS pin must be deasserted on an even byte
boundary (multiples of eight bits); otherwise, the device will abort the operation and the state of the WEL bit will not
change.
Figure 9-2. Write Disable
9.3
Block Protection
The device can be software protected against erroneous or malicious program or erase operations by utilizing the Block
Protection feature of the device. Block Protection can be enabled or disabled by using the Write Status Register
SCK
CS
SI
SO
MSB
23
1
0
00000110
67
5
4
OPCODE
HIGH-IMPEDANCE
SCK
CS
SI
SO
MSB
23
1
0
00000100
67
5
4
OPCODE
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com