Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF256 Datasheet(PDF) 41 Page - Dialog Semiconductor

Part # AT25DF256
Description  256-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF256 Datasheet(HTML) 41 Page - Dialog Semiconductor

Back Button AT25DF256 Datasheet HTML 35Page - Dialog Semiconductor AT25DF256 Datasheet HTML 36Page - Dialog Semiconductor AT25DF256 Datasheet HTML 37Page - Dialog Semiconductor AT25DF256 Datasheet HTML 38Page - Dialog Semiconductor AT25DF256 Datasheet HTML 39Page - Dialog Semiconductor AT25DF256 Datasheet HTML 40Page - Dialog Semiconductor AT25DF256 Datasheet HTML 41Page - Dialog Semiconductor AT25DF256 Datasheet HTML 42Page - Dialog Semiconductor AT25DF256 Datasheet HTML 43Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
40
AT25DF256
DS-25DF256–035D–2/2017
17.3
8X-TSSOP
DRAWING NO.
REV.
TITLE
GPC
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
-
-
1.20
A1
0.05
-
0.15
A2
0.80
1.00
1.05
D
2.90
3.00
3.10
2, 5
E
6.40 BSC
E1
4.30
4.40
4.50
3, 5
b
0.19
–
0.30
4
e
0.65 BSC
L
0.45
0.60
0.75
L1
1.00 REF
C
0.09
-
0.20
Side View
End View
Top View
A2
A
L
L1
D
1
E1
N
b
Pin 1 indicator
this corner
E
e
Notes:
1. This drawing is for general information only. Refer to JEDEC
Drawing MO-153, Variation AA, for proper dimensions,
tolerances, datums, etc.
2. Dimension D does not include mold Flash, protrusions or gate
burrs. Mold Flash, protrusions and gate burrs shall not exceed
0.15mm (0.006in) per side.
3. Dimension E1 does not include inter-lead Flash or protrusions.
Inter-lead Flash and protrusions shall not exceed 0.25mm
(0.010in) per side.
4. Dimension b does not include Dambar protrusion. Allowable
Dambar protrusion shall be 0.08mm total in excess of the b
dimension at maximum material condition. Dambar cannot be
located on the lower radius of the foot. Minimum space between
protrusion and adjacent lead is 0.07mm.
5. Dimension D and E1 to be determined at Datum Plane H.
H
8X
E
12/8/11
8X, 8-lead 4.4mm Body, Plastic Thin
Shrink Small Outline Package (TSSOP)
TNR
C
A1
Package Drawing Contact:
contact@adestotech.com
®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com