Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF256 Datasheet(PDF) 31 Page - Dialog Semiconductor

Part # AT25DF256
Description  256-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF256 Datasheet(HTML) 31 Page - Dialog Semiconductor

Back Button AT25DF256 Datasheet HTML 27Page - Dialog Semiconductor AT25DF256 Datasheet HTML 28Page - Dialog Semiconductor AT25DF256 Datasheet HTML 29Page - Dialog Semiconductor AT25DF256 Datasheet HTML 30Page - Dialog Semiconductor AT25DF256 Datasheet HTML 31Page - Dialog Semiconductor AT25DF256 Datasheet HTML 32Page - Dialog Semiconductor AT25DF256 Datasheet HTML 33Page - Dialog Semiconductor AT25DF256 Datasheet HTML 34Page - Dialog Semiconductor AT25DF256 Datasheet HTML 35Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
30
AT25DF256
DS-25DF256–035D–2/2017
13.3 DC Characteristics
Notes: 1. Typical values measured at 1.8V @ 25°C for the 1.65V to 3.6V range.
2. Typical values measured at 3.0V @ 25°C for the 2.3V to 3.6V range.
Symbol
Parameter
Condition
1.65V to 3.6V
2.3V to 3.6V
Units
Min
Typ
Max
Min
Typ
Max
IUDPD
Ultra-Deep Power-
Down Current
CS = VCC. All other
inputs at 0V or VCC
0.2
1
0.3
1
µA
IDPD
Deep Power-Down
Current
CS = VCC. All other
inputs at 0V or VCC
5
15
8.5
15
µA
ISB
Standby Current
CS = VCC. All other
inputs at 0V or VCC
25
40
25
40
µA
ICC1(1)(2)
Active Current, Low
Power Read (03h,
0Bh) Operation
f = 1MHz; IOUT = 0mA
4.5
9
5.5
9
mA
f = 20MHz; IOUT = 0mA
4.5
9
5.5
9
mA
ICC2
(1)(2)
Active Current,
Read Operation
f = 50MHz; IOUT = 0mA
5
10
6
10
mA
f = 85MHz; IOUT = 0mA
5
10
6
10
mA
ICC3(1)(2)
Active Current,
Program Operation
CS = VCC
12
16
12
16
mA
ICC4(1)(2)
Active Current,
Erase Operation
CS = VCC
12
18
12
18
mA
ILI
Input Load Current
All inputs at CMOS
levels
1
1
µA
ILO
Output Leakage
Current
All inputs at CMOS
levels
1
1
µA
VIL
Input Low Voltage
VCC x
0.2
VCC x
0.3
V
VIH
Input High Voltage
VCC x 0.8
VCC x 0.7
V
VOL
Output Low Voltage
IOL = 100µA
0.2
0.4
V
VOH
Output High
Voltage
IOH = -100µA
VCC -
0.2V
VCC -
0.2V
V
13.4 AC Characteristics - Maximum Clock Frequencies
Symbol
Parameter
1.65V to 3.6V
2.3V to 3.6V
Units
Min
Typ
Max
Min
Typ
Max
fCLK
Maximum Clock Frequency for All Operations
(including 0Bh opcode)
104
104
MHz
fRDLF
Maximum Clock Frequency for 03h Opcode
(Read Array – Low Frequency)
33
33
MHz
fRDDO
Maximum Clock Frequency for 3B Opcode
50
50
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com