Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF256 Datasheet(PDF) 19 Page - Dialog Semiconductor

Part # AT25DF256
Description  256-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF256 Datasheet(HTML) 19 Page - Dialog Semiconductor

Back Button AT25DF256 Datasheet HTML 15Page - Dialog Semiconductor AT25DF256 Datasheet HTML 16Page - Dialog Semiconductor AT25DF256 Datasheet HTML 17Page - Dialog Semiconductor AT25DF256 Datasheet HTML 18Page - Dialog Semiconductor AT25DF256 Datasheet HTML 19Page - Dialog Semiconductor AT25DF256 Datasheet HTML 20Page - Dialog Semiconductor AT25DF256 Datasheet HTML 21Page - Dialog Semiconductor AT25DF256 Datasheet HTML 22Page - Dialog Semiconductor AT25DF256 Datasheet HTML 23Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
18
AT25DF256
DS-25DF256–035D–2/2017
Notes:
1. Only bits 7 and 2 of the Status Register can be modified when using the Write Status Register command.
2. R/W = Readable and writable
R = Readable only
11.1.1 BPL Bit
The BPL bit is used to control whether the Block Protection (BP0) bit can be modified or not. When the BPL bit is in the
logical “1” state and the WP pin is asserted, the BP0 bit will be locked and cannot be modified. The memory array will be
locked in the current protected or unprotected state.
When the BPL bit is in the logical “0” state, the BP0 bit will be unlocked and can be modified. The BPL bit defaults to the
logical “0” state after device power-up.
The BPL bit can be modified freely whenever the WP pin is deasserted. However, if the WP pin is asserted, then the BPL
bit may only be changed from a logical “0” (BP0 bit unlocked) to a logical “1” (BP0 bit locked). In order to reset the BPL bit
back to a logical “0” using the Write Status Register command, the WP pin will have to first be deasserted.
The BPL and BP0 bits are the only bits of the Status Register that can be user modified via the Write Status Register
command.
11.1.2 EPE Bit
The EPE bit indicates whether the last erase or program operation completed successfully or not. If at least one byte
during the erase or program operation did not erase or program properly, then the EPE bit will be set to the logical “1”
state. The EPE bit will not be set if an erase or program operation aborts for any reason such as an attempt to erase or
program the memory when it is protected or if the WEL bit is not set prior to an erase or program operation. The EPE bit
will be updated after every erase and program operation.
11.1.3 WPP Bit
The WPP bit can be read to determine if the WP pin has been asserted or not.
11.1.4 BP0 Bit
The BP0 bits provides feedback on the software protection status for the device. In addition, the BP0 bit can also be
modified to change the state of the software protection to allow the entire memory array to be protected or unprotected.
When the BP0 bit is in the logical “0” state, then the entire memory array is unprotected. When the BP0 bit is in the logical
“1” state, then the entire memory array is protected against program and erase operations.
11.1.5 WEL Bit
The WEL bit indicates the current status of the internal Write Enable Latch. When the WEL bit is in the logical “0” state,
the device will not accept any Byte/Page Program, erase, Program OTP Security Register, or Write Status Register
3
RES
Reserved for future use
R
0
Reserved for future use.
2
BP0
Block Protection
R/W
0
Entire memory array is unprotected.
1
Entire memory array is protected.
1
WEL
Write Enable Latch Status
R
0
Device is not write enabled (default).
1
Device is write enabled.
0
RDY/BSY
Ready/Busy Status
R
0
Device is ready.
1
Device is busy with an internal operation.
Table 11-1. Status Register Format
Bit(1)
Name
Type(2)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com