Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF256 Datasheet(PDF) 20 Page - Dialog Semiconductor

Part # AT25DF256
Description  256-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF256 Datasheet(HTML) 20 Page - Dialog Semiconductor

Back Button AT25DF256 Datasheet HTML 16Page - Dialog Semiconductor AT25DF256 Datasheet HTML 17Page - Dialog Semiconductor AT25DF256 Datasheet HTML 18Page - Dialog Semiconductor AT25DF256 Datasheet HTML 19Page - Dialog Semiconductor AT25DF256 Datasheet HTML 20Page - Dialog Semiconductor AT25DF256 Datasheet HTML 21Page - Dialog Semiconductor AT25DF256 Datasheet HTML 22Page - Dialog Semiconductor AT25DF256 Datasheet HTML 23Page - Dialog Semiconductor AT25DF256 Datasheet HTML 24Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
19
AT25DF256
DS-25DF256–035D–2/2017
commands. The WEL bit defaults to the logical “0” state after a device power-up or reset operation. In addition, the WEL
bit will be reset to the logical “0” state automatically under the following conditions:
Write Disable operation completes successfully
Write Status Register operation completes successfully or aborts
Program OTP Security Register operation completes successfully or aborts
Byte/Page Program operation completes successfully or aborts
Block Erase operation completes successfully or aborts
Chip Erase operation completes successfully or aborts
Hold condition aborts
If the WEL bit is in the logical “1” state, it will not be reset to a logical “0” if an operation aborts due to an incomplete or
unrecognized opcode being clocked into the device before the CS pin is deasserted. In order for the WEL bit to be reset
when an operation aborts prematurely, the entire opcode for a Byte/Page Program, erase, Program OTP Security
Register, or Write Status Register command must have been clocked into the device.
11.1.6 RDY/BSY Bit
The RDY/BSY bit is used to determine whether or not an internal operation, such as a program or erase, is in progress.
To poll the RDY/BSY bit to detect the completion of a program or erase cycle, new Status Register data must be
continually clocked out of the device until the state of the RDY/BSY bit changes from a logical “1” to a logical “0”.Note that
the RDY/BSY bit can be read either from Status Register Byte 1 or from Status Register Byte 2.
11.1.7 RSTE Bit
The RSTE bit is used to enable or disable the Reset command. When the RSTE bit is in the Logical 0 state (the default
state after power-up), the Reset command is disabled and any attempts to reset the device using the Reset command
will be ignored. When the RSTE bit is in the Logical 1 state, the Reset command is enabled.
The RSTE bit will retain its state as long as power is applied to the device. Once set to the Logical 1 state, the RSTE bit
will remain in that state until it is modified using the Write Status Register Byte 2 command or until the device has been
power cycled. The Reset command itself will not change the state of the RSTE bit.
Note:
1.
Only bits 4 and 3 of Status Register Byte 2 will be modified when using the Write Status Register Byte 2 command
2.
R/W = Readable and Writeable
R = Readable only.
Table 11-2. Status Register Format – Byte 2
Bit(1)
Name
Type(2)
Description
7
RES
Reserved for future use
R
0
Reserved for future use
6
RES
Reserved for future use
R
0
Reserved for future use
5
RES
Reserved for future use
R
0
Reserved for future use
4
RSTE
Reset Enabled
R/W
0
Reset command is disabled (default)
1
Reset command is enabled
3
RES
Reserved for future use
R
0
Reserved for future use
2
RES
Reserved for future use
R
0
Reserved for future use
1
RES
Reserved for future use
R
0
Reserved for future use
0
RDY/BSY
Ready/Busy Status
R
0
Device is ready
1
Device is busy with an internal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com