Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF256 Datasheet(PDF) 27 Page - Dialog Semiconductor

Part # AT25DF256
Description  256-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF256 Datasheet(HTML) 27 Page - Dialog Semiconductor

Back Button AT25DF256 Datasheet HTML 23Page - Dialog Semiconductor AT25DF256 Datasheet HTML 24Page - Dialog Semiconductor AT25DF256 Datasheet HTML 25Page - Dialog Semiconductor AT25DF256 Datasheet HTML 26Page - Dialog Semiconductor AT25DF256 Datasheet HTML 27Page - Dialog Semiconductor AT25DF256 Datasheet HTML 28Page - Dialog Semiconductor AT25DF256 Datasheet HTML 29Page - Dialog Semiconductor AT25DF256 Datasheet HTML 30Page - Dialog Semiconductor AT25DF256 Datasheet HTML 31Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
26
AT25DF256
DS-25DF256–035D–2/2017
Figure 12-5. Ultra-Deep Power-Down
12.6 Exit Ultra-Deep Power-Down
To exit from the Ultra-Deep Power-Down mode, any one of three operations can be performed:
Chip Select Toggle
The CS pin must simply be pulsed by asserting the CS pin, waiting the minimum necessary tCSLU time, and then
deasserting the CS pin again. To facilitate simple software development, a dummy byte opcode can also be entered
while the CS pin is being pulsed; the dummy byte opcode is simply ignored by the device in this case. After the CS pin
has been deasserted, the device will exit from the Ultra-Deep Power-Down mode and return to the standby mode within
a maximum time of tXUDPD If the CS pin is reasserted before the tXUDPD time has elapsed in an attempt to start a new
operation, then that operation will be ignored and nothing will be performed.
Figure 12-6. Exit Ultra-Deep Power-Down (Chip Select Toggle)
Chip Select Low
By asserting the CS pin, waiting the minimum necessary tXUDPD time, and then clocking in the first bit of the next Opcode
command cycle. If the first bit of the next command is clocked in before the tXUDPD time has elapsed, the device will exit
Ultra Deep Power Down, however the intended operation will be ignored.
SCK
CS
SI
SO
MSB
ICC
23
1
0
0
67
5
4
Opcode
High-impedance
Ultra-Deep Power-Down Mode Current
Active Current
Standby Mode Current
tEUDPD
1111001
CS
SO
ICC
High-impedance
Ultra-Deep Power-Down Mode Current
Active Current
Standby Mode Current
tXUDPD
tCSLU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com