Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF256 Datasheet(PDF) 8 Page - Dialog Semiconductor

Part # AT25DF256
Description  256-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF256 Datasheet(HTML) 8 Page - Dialog Semiconductor

Back Button AT25DF256 Datasheet HTML 4Page - Dialog Semiconductor AT25DF256 Datasheet HTML 5Page - Dialog Semiconductor AT25DF256 Datasheet HTML 6Page - Dialog Semiconductor AT25DF256 Datasheet HTML 7Page - Dialog Semiconductor AT25DF256 Datasheet HTML 8Page - Dialog Semiconductor AT25DF256 Datasheet HTML 9Page - Dialog Semiconductor AT25DF256 Datasheet HTML 10Page - Dialog Semiconductor AT25DF256 Datasheet HTML 11Page - Dialog Semiconductor AT25DF256 Datasheet HTML 12Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
7
AT25DF256
DS-25DF256–035D–2/2017
7.
Read Commands
7.1
Read Array
The Read Array command can be used to sequentially read a continuous stream of data from the device by simply
providing the clock signal once the initial starting address is specified. The device incorporates an internal address
counter that automatically increments every clock cycle.
Two opcodes (0Bh and 03h) can be used for the Read Array command. The use of each opcode depends on the
maximum clock frequency that will be used to read data from the device. The 0Bh opcode can be used at any clock
frequency up to the maximum specified by fCLK, and the 03h opcode can be used for lower frequency read operations up
to the maximum specified by fRDLF.
To perform the Read Array operation, the CS pin must first be asserted and the appropriate opcode (0Bh or 03h) must be
clocked into the device. After the opcode has been clocked in, the three address bytes must be clocked in to specify the
starting address location of the first byte to read within the memory array. Following the three address bytes, an
additional dummy byte needs to be clocked into the device if the 0Bh opcode is used for the Read Array operation.
After the three address bytes (and the dummy byte if using opcode 0Bh) have been clocked in, additional clock cycles
will result in data being output on the SO pin. The data is always output with the MSB of a byte first. When the last byte
(007FFFh) of the memory array has been read, the device will continue reading back at the beginning of the array
(000000h). No delays will be incurred when wrapping around from the end of the array to the beginning of the array.
Deasserting the CS pin will terminate the read operation and put the SO pin into high-impedance state. The CS pin can
be deasserted at any time and does not require a full byte of data be read.
Write Status Register Byte 2
31h
0011 0001
Up to 104 MHz
0
0
1
Miscellaneous Commands
Reset
F0h
1111 0000
Up to 104 MHz
0
0
1 (D0h)
Read Manufacturer and Device ID
9Fh
1001 1111
Up to 104 MHz
0
0
1 to 4
Read ID (Legacy Command)
15h
0001 0101
Up to 104 MHz
0
0
2
Deep Power-Down
B9h
1011 1001
Up to 104 MHz
0
0
0
Resume from Deep Power-Down
ABh
1010 1011
Up to 104 MHz
0
0
0
Ultra Deep Power-Down
79h
0111 1001
Up to 104 MHz
0
0
0
Table 6-1.
Command Listing
Command
Opcode
Clock
Frequency
Address
Bytes
Dummy
Bytes
Data
Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com