Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF256 Datasheet(PDF) 26 Page - Dialog Semiconductor

Part # AT25DF256
Description  256-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF256 Datasheet(HTML) 26 Page - Dialog Semiconductor

Back Button AT25DF256 Datasheet HTML 22Page - Dialog Semiconductor AT25DF256 Datasheet HTML 23Page - Dialog Semiconductor AT25DF256 Datasheet HTML 24Page - Dialog Semiconductor AT25DF256 Datasheet HTML 25Page - Dialog Semiconductor AT25DF256 Datasheet HTML 26Page - Dialog Semiconductor AT25DF256 Datasheet HTML 27Page - Dialog Semiconductor AT25DF256 Datasheet HTML 28Page - Dialog Semiconductor AT25DF256 Datasheet HTML 29Page - Dialog Semiconductor AT25DF256 Datasheet HTML 30Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
25
AT25DF256
DS-25DF256–035D–2/2017
Figure 12-4. Resume from Deep Power-Down
12.5 Ultra-Deep Power-Down
The Ultra-Deep Power-Down mode allows the device to further reduce its energy consumption compared to the existing
standby and Deep Power-Down modes by shutting down additional internal circuitry. When the device is in the Ultra-
Deep Power-Down mode, all commands including the Status Register Read and Resume from Deep Power-Down
commands will be ignored. Since all commands will be ignored, the mode can be used as an extra protection mechanism
against inadvertent or unintentional program and erase operations. Entering the Ultra-Deep Power-Down mode is
accomplished by simply asserting the CS pin, clocking in the opcode 79h, and then deasserting the CS pin. Any
additional data clocked into the device after the opcode will be ignored. When the CS pin is deasserted, the device will
enter the Ultra-Deep Power-Down mode within the maximum time of tEUDPD
The complete opcode must be clocked in before the CS pin is deasserted; otherwise, the device will abort the operation
and return to the standby mode once the CS pin is deasserted. In addition, the device will default to the standby mode
after a power cycle. The Ultra-Deep Power-Down command will be ignored if an internally self-timed operation such as a
program or erase cycle is in progress.
SCK
CS
SI
SO
MSB
ICC
23
1
0
10101011
67
5
4
OPCODE
HIGH-IMPEDANCE
Deep Power-Down Mode Current
Active Current
Standby Mode Current
tRDPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com