Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF256 Datasheet(PDF) 12 Page - Dialog Semiconductor

Part # AT25DF256
Description  256-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF256 Datasheet(HTML) 12 Page - Dialog Semiconductor

Back Button AT25DF256 Datasheet HTML 8Page - Dialog Semiconductor AT25DF256 Datasheet HTML 9Page - Dialog Semiconductor AT25DF256 Datasheet HTML 10Page - Dialog Semiconductor AT25DF256 Datasheet HTML 11Page - Dialog Semiconductor AT25DF256 Datasheet HTML 12Page - Dialog Semiconductor AT25DF256 Datasheet HTML 13Page - Dialog Semiconductor AT25DF256 Datasheet HTML 14Page - Dialog Semiconductor AT25DF256 Datasheet HTML 15Page - Dialog Semiconductor AT25DF256 Datasheet HTML 16Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
11
AT25DF256
DS-25DF256–035D–2/2017
When a low-to-high transition occurs on the CS pin, the device will erase the selected page (the erased state is a Logic
1). The erase operation is internally self-timed and should take place in a maximum time of tPE. During this time, the
RDY/BUSY bit in the Status Register will indicate that the device is busy.
The device also incorporates an intelligent erase algorithm that can detect when a byte location fails to erase properly. If
an erase error arises, it will be indicated by the EPE bit in the Status Register.
8.3
Block Erase
A block of 4 or 32 Kbytes can be erased (all bits set to the logical “1” state) in a single operation by using one of three
different opcodes for the Block Erase command. An opcode of 20h is used for a 4-Kbyte erase, and an opcode of 52h or
D8h is used for a 32-Kbyte erase. Before a Block Erase command can be started, the Write Enable command must have
been previously issued to the device to set the WEL bit of the Status Register to a logical “1” state.
To perform a Block Erase, the CS pin must first be asserted and the appropriate opcode (20h, 52h, or D8h) must be
clocked into the device. After the opcode has been clocked in, the three address bytes specifying an address within the
4- or 32-Kbyte block to be erased must be clocked in. Any additional data clocked into the device will be ignored. When
the CS pin is deasserted, the device will erase the appropriate block. The erasing of the block is internally self-timed and
should take place in a time of tBLKE.
Since the Block Erase command erases a region of bytes, the lower order address bits do not need to be decoded by the
device. Therefore, for a 4-Kbyte erase, address bits A11-A0 will be ignored by the device and their values can be either a
logical “1” or “0”. For a 32-Kbyte erase, address bits A14-A0 will be ignored by the device. Despite the lower order
address bits not being decoded by the device, the complete three address bytes must still be clocked into the device
before the CS pin is deasserted, and the CS pin must be deasserted on an even byte boundary (multiples of eight bits);
otherwise, the device will abort the operation and no erase operation will be performed.
If the memory is in the protected state, then the Block Erase command will not be executed, and the device will return to
the idle state once the CS pin has been deasserted.
The WEL bit in the Status Register will be reset back to the logical “0” state if the erase cycle aborts due to an incomplete
address being sent, the CS pin being deasserted on uneven byte boundaries, or because a memory location within the
region to be erased is protected.
While the device is executing a successful erase cycle, the Status Register can be read and will indicate that the device
is busy. For faster throughput, it is recommended that the Status Register be polled rather than waiting the tBLKE time to
determine if the device has finished erasing. At some point before the erase cycle completes, the WEL bit in the Status
Register will be reset back to the logical “0” state.
The device also incorporates an intelligent erase algorithm that can detect when a byte location fails to erase properly. If
an erase error occurs, it will be indicated by the EPE bit in the Status Register.
Figure 8-3. Block Erase
SCK
CS
SI
SO
MSB
MSB
23
1
0
CCCCCCCC
67
5
410 11
9
812
31
29 30
27 28
26
OPCODE
AAAA
AAA
A
A
A
A
A
ADDRESS BITS A23-A0
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com