Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF256 Datasheet(PDF) 40 Page - Dialog Semiconductor

Part # AT25DF256
Description  256-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF256 Datasheet(HTML) 40 Page - Dialog Semiconductor

Back Button AT25DF256 Datasheet HTML 35Page - Dialog Semiconductor AT25DF256 Datasheet HTML 36Page - Dialog Semiconductor AT25DF256 Datasheet HTML 37Page - Dialog Semiconductor AT25DF256 Datasheet HTML 38Page - Dialog Semiconductor AT25DF256 Datasheet HTML 39Page - Dialog Semiconductor AT25DF256 Datasheet HTML 40Page - Dialog Semiconductor AT25DF256 Datasheet HTML 41Page - Dialog Semiconductor AT25DF256 Datasheet HTML 42Page - Dialog Semiconductor AT25DF256 Datasheet HTML 43Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
39
AT25DF256
DS-25DF256–035D–2/2017
17.2 8MA3 – UDFN
TITLE
DRAWING NO.
GPC
REV.
Package Drawing Contact:
contact@adestotech.com
®
8MA3
YCQ
GT
8MA3, 8-pad, 2 x 3 x 0.6 mm Body, 0.5 mm Pitch,
1.6 x 0.2 mm Exposed Pad, Saw Singulated
Thermally Enhanced Plastic Ultra Thin Dual
Flat No Lead Package (UDFN/USON)
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
A
0.45
0.60
A1
0.00
0.05
A3
0.150 REF
b
0.20
0.30
D
2.00 BSC
D2
1.50
1.60
1.70
E
3.00 BSC
E2
0.10
0.20
0.30
e
0.50 BSC
L
0.40
0.45
0.50
L1
0.00
0.10
L3
0.30
0.50
eee
–
–
0.08
8/26/14
Notes: 1. All dimensions are in mm. Angles in degrees.
2. Bilateral coplanarity zone applies to the exposed heat
sink slug as well as the terminals.
D
1
4
PIN 1 ID
5
23
6
7
8
eee
1
4
8
5
D2
L3
L
Chamfer or half-circle
notch for Pin 1 indicator.
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com