Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF256 Datasheet(PDF) 24 Page - Dialog Semiconductor

Part # AT25DF256
Description  256-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF256 Datasheet(HTML) 24 Page - Dialog Semiconductor

Back Button AT25DF256 Datasheet HTML 20Page - Dialog Semiconductor AT25DF256 Datasheet HTML 21Page - Dialog Semiconductor AT25DF256 Datasheet HTML 22Page - Dialog Semiconductor AT25DF256 Datasheet HTML 23Page - Dialog Semiconductor AT25DF256 Datasheet HTML 24Page - Dialog Semiconductor AT25DF256 Datasheet HTML 25Page - Dialog Semiconductor AT25DF256 Datasheet HTML 26Page - Dialog Semiconductor AT25DF256 Datasheet HTML 27Page - Dialog Semiconductor AT25DF256 Datasheet HTML 28Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
23
AT25DF256
DS-25DF256–035D–2/2017
Figure 12-1. Read Manufacturer and Device ID
12.2 Read ID (Legacy Command)
Identification information can be read from the device to enable systems to electronically query and identify the device
while it is in system. The preferred method for doing so is the JEDEC standard “Read Manufacturer and Device ID”
method described in Section 12.1 on page 22; however, the legacy Read ID command is supported on the AT25DF256
to enable backwards compatibility to previous generation devices.
To read the identification information, the CS pin must first be asserted and the opcode of 15h must be clocked into the
device. After the opcode has been clocked in, the device will begin outputting the identification data on the SO pin during
the subsequent clock cycles. The first byte that will be output will be the Manufacturer ID of 1Fh followed by a single byte
of data representing a device code of 65h. After the device code is output, the SO pin will go into a high-impedance state;
therefore, additional clock cycles will have no affect on the SO pin and no data will be output.
Deasserting the CS pin will terminate the Read ID operation and put the SO pin into a high-impedance state. The CS pin
can be deasserted at any time and does not require that a full byte of data read.
Figure 12-2. Read ID (Legacy Command)
12.3 Deep Power-Down
During normal operation, the device will be placed in the standby mode to consume less power as long as the CS pin
remains deasserted and no internal operation is in progress. The Deep Power-Down command offers the ability to place
the device into an even lower power consumption state called the Deep Power-Down mode.
SCK
CS
SI
SO
6
0
9Fh
8
7
38
OPCODE
1Fh
40h
00h
00h
MANUFACTURER ID
DEVICE ID
BYTE1
DEVICE ID
BYTE2
EXTENDED
DEVICE
INFORMATION
STRING LENGTH
HIGH-IMPEDANCE
14
16
15
22
24
23
30
32
31
Note: Each transition
shown for SI and SO represents one byte (8 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com