Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF256 Datasheet(PDF) 17 Page - Dialog Semiconductor

Part # AT25DF256
Description  256-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF256 Datasheet(HTML) 17 Page - Dialog Semiconductor

Back Button AT25DF256 Datasheet HTML 13Page - Dialog Semiconductor AT25DF256 Datasheet HTML 14Page - Dialog Semiconductor AT25DF256 Datasheet HTML 15Page - Dialog Semiconductor AT25DF256 Datasheet HTML 16Page - Dialog Semiconductor AT25DF256 Datasheet HTML 17Page - Dialog Semiconductor AT25DF256 Datasheet HTML 18Page - Dialog Semiconductor AT25DF256 Datasheet HTML 19Page - Dialog Semiconductor AT25DF256 Datasheet HTML 20Page - Dialog Semiconductor AT25DF256 Datasheet HTML 21Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
16
AT25DF256
DS-25DF256–035D–2/2017
“0”. After the address bytes have been clocked in, data can then be clocked into the device and will be stored in the
internal buffer.
If the starting memory address denoted by A23-A0 does not start at the beginning of the OTP Security Register memory
space (A5-A0 are not all 0), then special circumstances regarding which OTP Security Register locations to be
programmed will apply. In this situation, any data that is sent to the device that goes beyond the end of the 64-byte user-
programmable space will wrap around back to the beginning of the OTP Security Register. For example, if the starting
address denoted by A23-A0 is 00003Eh, and three bytes of data are sent to the device, then the first two bytes of data
will be programmed at OTP Security Register addresses 00003Eh and 00003Fh while the last byte of data will be
programmed at address 000000h. The remaining bytes in the OTP Security Register (addresses 000001h through
00003Dh) will not be programmed and will remain in the erased state (FFh). In addition, if more than 64 bytes of data are
sent to the device, then only the last 64 bytes sent will be latched into the internal buffer.
When the CS pin is deasserted, the device will take the data stored in the internal buffer and program it into the
appropriate OTP Security Register locations based on the starting address specified by A23-A0 and the number of data
bytes sent to the device. If less than 64 bytes of data were sent to the device, then the remaining bytes within the OTP
Security Register will not be programmed and will remain in the erased state (FFh). The programming of the data bytes is
internally self-timed and should take place in a time of tOTPP.
The three address bytes and at least one complete byte of data must be clocked into the device before the CS pin is
deasserted, and the CS pin must be deasserted on even byte boundaries (multiples of eight bits); otherwise, the device
will abort the operation and the user-programmable portion of the OTP Security Register will not be programmed. The
WEL bit in the Status Register will be reset back to the logical “0” state if the OTP Security Register program cycle aborts
due to an incomplete address being sent, an incomplete byte of data being sent, the CS pin being deasserted on uneven
byte boundaries, or because the user-programmable portion of the OTP Security Register was previously programmed.
While the device is programming the OTP Security Register, the Status Register can be read and will indicate that the
device is busy. For faster throughput, it is recommended that the Status Register be polled rather than waiting the tOTPP
time to determine if the data bytes have finished programming. At some point before the OTP Security Register
programming completes, the WEL bit in the Status Register will be reset back to the logical “0” state.
If the device is powered-down during the OTP Security Register program cycle, then the contents of the 64-byte user
programmable portion of the OTP Security Register cannot be guaranteed and cannot be programmed again.
The Program OTP Security Register command utilizes the internal 256-buffer for processing. Therefore, the contents of
the buffer will be altered from its previous state when this command is issued.
Figure 10-1. Program OTP Security Register
10.2 Read OTP Security Register
The OTP Security Register can be sequentially read in a similar fashion to the Read Array operation up to the maximum
clock frequency specified by fCLK. To read the OTP Security Register, the CS pin must first be asserted and the opcode
of 77h must be clocked into the device. After the opcode has been clocked in, the three address bytes must be clocked in
to specify the starting address location of the first byte to read within the OTP Security Register. Following the three
address bytes, two dummy bytes must be clocked into the device before data can be output.
SCK
CS
SI
SO
MSB
MSB
23
1
0
10011011
67
5
49
839
37 38
33
36
35
34
31 32
29 30
OPCODE
HIGH-IMPEDANCE
AA
AAA
A
MSB
DDDDDDD
D
ADDRESS BITS A23-A0
DATA IN BYTE 1
MSB
DDDDDDD
D
DATA IN BYTE n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com