Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF256 Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # AT25DF256
Description  256-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF256 Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button AT25DF256 Datasheet HTML 9Page - Dialog Semiconductor AT25DF256 Datasheet HTML 10Page - Dialog Semiconductor AT25DF256 Datasheet HTML 11Page - Dialog Semiconductor AT25DF256 Datasheet HTML 12Page - Dialog Semiconductor AT25DF256 Datasheet HTML 13Page - Dialog Semiconductor AT25DF256 Datasheet HTML 14Page - Dialog Semiconductor AT25DF256 Datasheet HTML 15Page - Dialog Semiconductor AT25DF256 Datasheet HTML 16Page - Dialog Semiconductor AT25DF256 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
12
AT25DF256
DS-25DF256–035D–2/2017
8.4
Chip Erase
The entire memory array can be erased in a single operation by using the Chip Erase command. Before a Chip Erase
command can be started, the Write Enable command must have been previously issued to the device to set the WEL bit
of the Status Register to a logical “1” state.
Three opcodes (60h, 62h, and C7h) can be used for the Chip Erase command. There is no difference in device
functionality when utilizing the three opcodes, so they can be used interchangeably. To perform a Chip Erase, one of the
three opcodes must be clocked into the device. Since the entire memory array is to be erased, no address bytes need to
be clocked into the device, and any data clocked in after the opcode will be ignored. When the CS pin is deasserted, the
device will erase the entire memory array. The erasing of the device is internally self-timed and should take place in a
time of tCHPE.
The complete opcode must be clocked into the device before the CS pin is deasserted, and the CS pin must be
deasserted on an even byte boundary (multiples of eight bits); otherwise, no erase will be performed. In addition, if the
memory array is in the protected state, then the Chip Erase command will not be executed, and the device will return to
the idle state once the CS pin has been deasserted. The WEL bit in the Status Register will be reset back to the logical
“0” state if the CS pin is deasserted on uneven byte boundaries or if the memory is in the protected state.
While the device is executing a successful erase cycle, the Status Register can be read and will indicate that the device
is busy. For faster throughput, it is recommended that the Status Register be polled rather than waiting the tCHPE time to
determine if the device has finished erasing. At some point before the erase cycle completes, the WEL bit in the Status
Register will be reset back to the logical “0” state.
The device also incorporates an intelligent erase algorithm that can detect when a byte location fails to erase properly. If
an erase error occurs, it will be indicated by the EPE bit in the Status Register.
Figure 8-4. Chip Erase
9.
Protection Commands and Features
9.1
Write Enable
The Write Enable command is used to set the Write Enable Latch (WEL) bit in the Status Register to a logical “1” state.
The WEL bit must be set before a Byte/Page Program, erase, Program OTP Security Register, or Write Status Register
command can be executed. This makes the issuance of these commands a two step process, thereby reducing the
chances of a command being accidentally or erroneously executed. If the WEL bit in the Status Register is not set prior to
the issuance of one of these commands, then the command will not be executed.
To issue the Write Enable command, the CS pin must first be asserted and the opcode of 06h must be clocked into the
device. No address bytes need to be clocked into the device, and any data clocked in after the opcode will be ignored.
When the CS pin is deasserted, the WEL bit in the Status Register will be set to a logical “1”. The complete opcode must
be clocked into the device before the CS pin is deasserted, and the CS pin must be deasserted on an even byte
SCK
CS
SI
SO
MSB
23
1
0
CCCCCCCC
67
5
4
OPCODE
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com