Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF256 Datasheet(PDF) 32 Page - Dialog Semiconductor

Part # AT25DF256
Description  256-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF256 Datasheet(HTML) 32 Page - Dialog Semiconductor

Back Button AT25DF256 Datasheet HTML 28Page - Dialog Semiconductor AT25DF256 Datasheet HTML 29Page - Dialog Semiconductor AT25DF256 Datasheet HTML 30Page - Dialog Semiconductor AT25DF256 Datasheet HTML 31Page - Dialog Semiconductor AT25DF256 Datasheet HTML 32Page - Dialog Semiconductor AT25DF256 Datasheet HTML 33Page - Dialog Semiconductor AT25DF256 Datasheet HTML 34Page - Dialog Semiconductor AT25DF256 Datasheet HTML 35Page - Dialog Semiconductor AT25DF256 Datasheet HTML 36Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
31
AT25DF256
DS-25DF256–035D–2/2017
Notes: 1. Not 100% tested (value guaranteed by design and characterization).
2. Only applicable as a constraint for the Write Status Register command when BPL = 1.
13.5 AC Characteristics – All Other Parameters
Symbol
Parameter
1.65V to 3.6V
2.3V to 3.6V
Units
Min
Typ
Max
Min
Typ
Max
tCLKH
Clock High Time
4
4
ns
tCLKL
Clock Low Time
4
4
ns
tCLKR(1)
Clock Rise Time, Peak-to-Peak (Slew Rate)
0.1
0.1
V/ns
tCLKF
(1)
Clock Fall Time, Peak-to-Peak (Slew Rate)
0.1
0.1
V/ns
tCSH
Chip Select High Time
35
25
ns
tCSLS
Chip Select Low Setup Time (relative to Clock)
6
6
ns
tCSLH
Chip Select Low Hold Time (relative to Clock)
6
6
ns
tCSHS
Chip Select High Setup Time (relative to Clock)
6
6
ns
tCSHH
Chip Select High Hold Time (relative to Clock)
6
6
ns
tDS
Data In Setup Time
2
2
ns
tDH
Data In Hold Time
1
1
ns
tDIS(1)
Output Disable Time
8
6
ns
tV
Output Valid Time
8
6
ns
tOH
Output Hold Time
0
0
ns
tHLS
HOLD Low Setup Time (relative to Clock)
6
5
ns
tHLH
HOLD Low Hold Time (relative to Clock)
6
5
ns
tHHS
HOLD High Setup Time (relative to Clock)
6
5
ns
tHHH
HOLD High Hold Time (relative to Clock)
6
5
ns
tHLQZ
(1)
HOLD Low to Output High-Z
7
6
ns
tHHQX
(1)
HOLD High to Output Low-Z
7
6
ns
tWPS(1)(2)
Write Protect Setup Time
20
20
ns
tWPH
(1)(2)
Write Protect Hold Time
100
100
ns
tEDPD
(1)
Chip Select High to Deep Power-Down
2
2
µs
tEUDPD.
Chip Select High to Ultra Deep Power-Down
3
3
µs
tSWRST
Software Reset Time
60
60
µs
tCSLU
Minimum Chip Select Low to Exit Ultra Deep
Power-Down
20
20
ns
tXUDPD
Exit Ultra Deep Power-Down Time
70
70
µs
tRDPD(1)
Chip Select High to Standby Mode
8
8
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com