Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL321 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # AT25QL321
Description  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321 Datasheet(HTML) 4 Page - Dialog Semiconductor

  AT25QL321 Datasheet HTML 1Page - Dialog Semiconductor AT25QL321 Datasheet HTML 2Page - Dialog Semiconductor AT25QL321 Datasheet HTML 3Page - Dialog Semiconductor AT25QL321 Datasheet HTML 4Page - Dialog Semiconductor AT25QL321 Datasheet HTML 5Page - Dialog Semiconductor AT25QL321 Datasheet HTML 6Page - Dialog Semiconductor AT25QL321 Datasheet HTML 7Page - Dialog Semiconductor AT25QL321 Datasheet HTML 8Page - Dialog Semiconductor AT25QL321 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 79 page
background image
3
AT25QL321
DS-25QL321–131C–5/2017
2.
Pinouts and Pin Descriptions
The following figures show the available package types.
*Final package outline drawing to be confirmed.
Figure 1-1. 8-SOIC (Top View)
Figure 1-2. 8-UDFN (Top View)
Figure 1-3. 24-dBGA (Top View)
Figure 1-4. 8-WLCSP (Bottom View)
Figure 1-5. 10-WLCSP (Bottom View)
Figure 1-6. 8-pad USON (Bottom View)
1
2
3
4
8
7
6
5
CS
(IO
1)
(IO
2)
GND
VCC
HOLD OR RESET (IO
3)
SCK
SI (IO
0)
CS
SO (IO
1)
WP (IO
2)
GND
1
2
3
4
8
7
6
5
VCC
HOLD (IO
3)
SCK
SI (IO
0)
GND
I/O
0(SI)
SCK
I/O
1(SO)
Vcc
I/O
3(HOLD)
I/O
2(WP)
CS
GND
I/O
0(SI)
I/O
2(WP)
SCK
I/O
1(SO)
I/O
3(HOLD)
CS
Vcc
CS
SO (IO
1)
GND
SI (IO
0)
VCC
HOLD (IO
3)
SCK
WP (IO
2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com