Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL321 Datasheet(PDF) 35 Page - Dialog Semiconductor

Part # AT25QL321
Description  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321 Datasheet(HTML) 35 Page - Dialog Semiconductor

Back Button AT25QL321 Datasheet HTML 31Page - Dialog Semiconductor AT25QL321 Datasheet HTML 32Page - Dialog Semiconductor AT25QL321 Datasheet HTML 33Page - Dialog Semiconductor AT25QL321 Datasheet HTML 34Page - Dialog Semiconductor AT25QL321 Datasheet HTML 35Page - Dialog Semiconductor AT25QL321 Datasheet HTML 36Page - Dialog Semiconductor AT25QL321 Datasheet HTML 37Page - Dialog Semiconductor AT25QL321 Datasheet HTML 38Page - Dialog Semiconductor AT25QL321 Datasheet HTML 39Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 79 page
background image
34
AT25QL321
DS-25QL321–131C–5/2017
7.20 Chip Erase (C7h / 60h)
The Chip Erase instruction clears all bits in the device to be FFh (all 1s). Prior to the Chip Erase Instruction, a Write
Enable instruction must be issued. The instruction is initiated by driving the CS pin low and shifting the instruction code
“C7h” or “60h”. (Please refer to Figure 7-32). The CS pin must go high after the eighth bit of the last byte has been
latched in, otherwise, the Chip Erase instruction will not be executed. After CS is driven high, the self-timed Chip Erase
instruction will commence for a duration of tCE (See AC Characteristics).
While the Chip Erase cycle is in progress, the Read Status Register instruction may still be accessed to check the status
of the BUSY bit. The BUSY bit is a 1 during the Chip Erase cycle and becomes a 0 when the cycle is finished and the
device is ready to accept other instructions again. When the BUSY bit is asserted, the Write Enable Latch (WEL) bit in
the Status Register is cleared to 0.
Figure 7-32. Chip Erase Instruction for SPI Mode (left) and QPI Mode (right)
7.21 Erase / Program Suspend (75h)
The Erase/Program Suspend instruction allows the system to interrupt a Block Erase operation or a Page Program,
Quad Data Input Page Program, Quad Page Program operation.
Erase Suspend is valid only during the Block erase operation. The Write Status Register-1 (01h), Write Status Register-
2 (31h) instruction and Erase instructions (20h, 52h, D8h, C7h, 60h) are not allowed during Erase Suspend. During the
Chip Erase operation, the Erase Suspend instruction is ignored.
Program Suspend is valid only during the Page Program, Quad Data Input Page Program or Quad Page Program
operation. The Write Status Register-1(01h), Write Status Register-2 (31h) instruction, Program instructions (02h and
33h) and Erase Instructions (20h, 52h, D8h, C7h, 60h) are not allowed during Program Suspend.
The Erase/Program Suspend instruction “75h” will be accepted by the device only if the SUS bit in the Status Register
equals to 0 and the BUSY bit equals to 1 while a Block Erase or a Page Program operation is on-going. If the SUS bit
equals to 1 or the BUSY bit equals to 0, the Suspend instruction will be ignored by the device. A maximum of time of
“tSUS” (See AC Characteristics) is required to suspend the erase or program operation. After Erase/Program Suspend,
the SUS bit in the Status Register will be set from 0 to 1 immediately and The BUSY bit in the Status Register will be
cleared from 1 to 0 within “tSUS”. For a previously resumed Erase/Program operation, it is also required that the
Suspend instruction “75h” is not issued earlier than a minimum of time of “tSUS” following the preceding Resume
instruction “7Ah”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com