Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL321 Datasheet(PDF) 26 Page - Dialog Semiconductor

Part # AT25QL321
Description  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321 Datasheet(HTML) 26 Page - Dialog Semiconductor

Back Button AT25QL321 Datasheet HTML 22Page - Dialog Semiconductor AT25QL321 Datasheet HTML 23Page - Dialog Semiconductor AT25QL321 Datasheet HTML 24Page - Dialog Semiconductor AT25QL321 Datasheet HTML 25Page - Dialog Semiconductor AT25QL321 Datasheet HTML 26Page - Dialog Semiconductor AT25QL321 Datasheet HTML 27Page - Dialog Semiconductor AT25QL321 Datasheet HTML 28Page - Dialog Semiconductor AT25QL321 Datasheet HTML 29Page - Dialog Semiconductor AT25QL321 Datasheet HTML 30Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 79 page
background image
25
AT25QL321
DS-25QL321–131C–5/2017
Figure 7-17. Fast Read Dual I/O Instruction (previous M7‐0= Axh)
7.14 Fast Read Quad I/O (EBh)
The Fast Read Quad I/O instruction reduces cycle overhead through quad access using four IO pins: IO0, IO1, IO2, and IO3.
The Quad Enable bit (QE) of Status Register-2 must be set to enable the Fast read Quad I/O Instruction.
Continuous read mode
The Fast Read Quad I/O instruction can further reduce instruction overhead through setting the Mode bits (M7-0) with
following the input Address bits (A23-0), as shown in Figure 7-18. The upper nibble of the Mode (M7-4) controls the
length of the next Fast Read Quad I/O instruction through the inclusion or exclusion of the first byte instruction code.
The lower nibble bits of the Mode (M3-0) are don’t care (“X”). However, the IO pins should be high-impedance prior to
the falling edge of the first data out clock.
If the Mode bits (M7‐0) equal “Ax” hex, then the next Fast Read Quad I/O instruction (after CS is raised and then
lowered) does not require the EBh instruction code, as shown in Figure 7-19. This reduces the instruction sequence
by eight clocks and allows the address to be immediately entered after CS is asserted low. If the Mode bits (M7‐0)
are any value other than “Ax” hex, the next instruction (after CS is raised and then lowered) requires the first byte
instruction code, thus retuning normal operation. A Mode Bit Reset can be used to reset Mode Bits (M7‐0) before issuing
normal instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com