Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL321 Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # AT25QL321
Description  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321 Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button AT25QL321 Datasheet HTML 7Page - Dialog Semiconductor AT25QL321 Datasheet HTML 8Page - Dialog Semiconductor AT25QL321 Datasheet HTML 9Page - Dialog Semiconductor AT25QL321 Datasheet HTML 10Page - Dialog Semiconductor AT25QL321 Datasheet HTML 11Page - Dialog Semiconductor AT25QL321 Datasheet HTML 12Page - Dialog Semiconductor AT25QL321 Datasheet HTML 13Page - Dialog Semiconductor AT25QL321 Datasheet HTML 14Page - Dialog Semiconductor AT25QL321 Datasheet HTML 15Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 79 page
background image
10
AT25QL321
DS-25QL321–131C–5/2017
6.
Status Register
The Read Status Register instruction can be used to provide status on the availability of the Flash memory array, if the device
is write enabled or disabled the state of write protection and the Quad SPI setting. The Write Status Register instruction can be
used to configure the devices writes protection features and Quad SPI setting. Write access to the Status Register is controlled
by in some cases of the WP pin.
6.1
Busy
BUSY is a read only bit in the status register (S0) that is set to a 1 state when the device is executing a Page Program, Erase,
Write Status Register or Write Security Register instruction. During this time the device will ignore further instruction except for
the Read Status Register and Erase / Program Suspend instruction (see tW, tPP, tSE, tBE1, tBE2 and tCE in AC
Characteristics). When the Program, Erase, Write Status Register or Write Security Register instruction has completed, the
BUSY bit will be cleared to a 0 state indicating the device is ready for further instructions.
6.2
Write Enable Latch (WEL)
Write Enable Latch (WEL) is a read only bit in the status register (S1) that is set to a 1 after executing a Write Enable instruction.
The WEL status bit is cleared to a 0 when device is write disabled. A write disable state occurs upon power-up or after any of
the following instructions: Write Disable, Page Program, Erase and Write Status Register.
6.3
Status Register Protect (SRP1, SRP0)
The Status Register Protect bits (SRP1 and SRP0) are non‐volatile read/write bits in the status register (S8 and S7). The
SRP bits control the method of write protection: software protection, hardware protection, power supply lock‐down or one time
programmable (OTP) protection.
Table 6-1.
Status Register-1
S7
S6
S5
S4
S3
S2
S1
S0
SRP0
(R)
(R)
(R)
(R)
(R)
WEL
BUSY
Status
Register
Protect 0
(Non-
Volatile)
Reserved
Reserved
Reserved
Reserved
Reserved
Write
Enable
Latch
Erase or
Write in
Progress
Table 6-2.
Status Register-2
S15
S14
S13
S12
S11
S10
S9
S8
SUS
(R)
(R)
(R)
(R)
(R)
QE
SRP1
Suspend
Status
Reserved
Reserved
Reserved
Reserved
Reserved
Quad Enable
(Non- Volatile)
Register
Protect 1
(Non- Volatile)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com