Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL321 Datasheet(PDF) 60 Page - Dialog Semiconductor

Part # AT25QL321
Description  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321 Datasheet(HTML) 60 Page - Dialog Semiconductor

Back Button AT25QL321 Datasheet HTML 56Page - Dialog Semiconductor AT25QL321 Datasheet HTML 57Page - Dialog Semiconductor AT25QL321 Datasheet HTML 58Page - Dialog Semiconductor AT25QL321 Datasheet HTML 59Page - Dialog Semiconductor AT25QL321 Datasheet HTML 60Page - Dialog Semiconductor AT25QL321 Datasheet HTML 61Page - Dialog Semiconductor AT25QL321 Datasheet HTML 62Page - Dialog Semiconductor AT25QL321 Datasheet HTML 63Page - Dialog Semiconductor AT25QL321 Datasheet HTML 64Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 79 page
background image
59
AT25QL321
DS-25QL321–131C–5/2017
Figure 7-59. Enter Secured OTP instruction for SPI Mode (left) and QPI Mode (right)
7.37 Exit Secured OTP (C1h)
The Exit Secured OTP instruction is for exiting the additional 4K‐bit secured OTP mode. (Please refer to Figure 7-60).
Figure 7-60. Exit Secured OTP instruction for SPI Mode (left) and QPI Mode (right)
7.38 Read Security Register (2Bh)
The Read Security Register can be read the value of Security Register bits at any time (even in program/erase/write
status register-1 and write status register-2 condition) and continuously.
Secured OTP Indicator bit. The Secured OTP indicator bit shows the chip is locked by factory before ex-factory or not.
When it is “0”, it indicates non-factory lock, “1” indicates factory-lock.
Lock-down Secured OTP (LDSO) bit. By writing Write Security Register instruction, the LDSO bit may be set to “1” for
customer lock‐down purpose. However, once the bit it set to “1” (Lock‐down), the LDSO bit and the 4K‐bit Secured OTP
area cannot be updated any more. While it is in 4K‐bit Secured OTP mode, array access is not allowed to write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com