Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL321 Datasheet(PDF) 62 Page - Dialog Semiconductor

Part # AT25QL321
Description  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321 Datasheet(HTML) 62 Page - Dialog Semiconductor

Back Button AT25QL321 Datasheet HTML 58Page - Dialog Semiconductor AT25QL321 Datasheet HTML 59Page - Dialog Semiconductor AT25QL321 Datasheet HTML 60Page - Dialog Semiconductor AT25QL321 Datasheet HTML 61Page - Dialog Semiconductor AT25QL321 Datasheet HTML 62Page - Dialog Semiconductor AT25QL321 Datasheet HTML 63Page - Dialog Semiconductor AT25QL321 Datasheet HTML 64Page - Dialog Semiconductor AT25QL321 Datasheet HTML 65Page - Dialog Semiconductor AT25QL321 Datasheet HTML 66Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 79 page
background image
61
AT25QL321
DS-25QL321–131C–5/2017
7.39 Write Security Register (2Fh)
The Write Security Register instruction is for changing the values of Security Register bits. Unlike Write Status Register,
the Write Enable instruction is not required before writing Write Security Register instruction. The Write Security
Register instruction may change the value of bit1 (LDSO bit) for customer to lock-down the 4K-bit Secured OTP area.
Once the LDSO bit is set to “1”, the Secured OTP area cannot be updated any more.
The CS must go high exactly at the boundary; otherwise, the instruction will be rejected and not executed.
Figure 7-63. Write Security Register instruction for SPI Mode (left) and QPI Mode (right)
7.40 4K-bit Secured OTP
It’s for unique identifier to provide 4K-bit one-time-program area for setting device unique serial number which may
be set by factory or system customer. Please refer to table of “4K-bit secured OTP definition”.
- Security register bit 0 indicates whether the chip is locked by factory or not.
- To program the 4K-bit secured OTP by entering 4K-bit secured OTP mode (with ENSO command) and going through
normal program procedure, and then exiting 4K-bit secured OTP mode by writing EXSO command
- Customer may lock-down bit1 as “1”. Please refer to “table of security register definition” for security register bit
definition and table of “4K-bit secured OTP definition” for address range definition.
Note. Once lock‐down whatever by factory or customer, it cannot be changed any more. While in 4K-bit secured OTP
mode, array access is not allowed to write.
Address Range
Size
Standard
Factory Lock
Customer Lock
000000 ~ 00000F
128-bit
ESN
(Electrical Serial Number)
Determined by customer
000010 ~ 0001FF
3968-bit
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com