Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL321 Datasheet(PDF) 19 Page - Dialog Semiconductor

Part # AT25QL321
Description  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321 Datasheet(HTML) 19 Page - Dialog Semiconductor

Back Button AT25QL321 Datasheet HTML 15Page - Dialog Semiconductor AT25QL321 Datasheet HTML 16Page - Dialog Semiconductor AT25QL321 Datasheet HTML 17Page - Dialog Semiconductor AT25QL321 Datasheet HTML 18Page - Dialog Semiconductor AT25QL321 Datasheet HTML 19Page - Dialog Semiconductor AT25QL321 Datasheet HTML 20Page - Dialog Semiconductor AT25QL321 Datasheet HTML 21Page - Dialog Semiconductor AT25QL321 Datasheet HTML 22Page - Dialog Semiconductor AT25QL321 Datasheet HTML 23Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 79 page
background image
18
AT25QL321
DS-25QL321–131C–5/2017
Figure 7-5. Read Status Register Instruction (QPI Mode)
7.6
Write Status Register (01h)
The Write Status Register instruction is to write only non-volatile Status Register-1 bits (SRP0) and Status Register-
2 bits (QE and SRP1). All other Status Register bit locations are read-only and will not be affected by the Write Status
Register instruction.
A Write Enable instruction must previously have been issued prior to setting Write Status Register Instruction (Status
Register bit WEL must equal 1). Once write is enabled, the instruction is entered by driving CS low, sending the
instruction code, and then writing the status register data byte as illustrated in Figure 7-6 and Figure 7-7.
The CS pin must be driven high after the eighth or sixteenth bit of data that is clocked in. If this is not done the Write
Status Register instruction will not be executed. If CS is driven high after the eighth clock, the CMP, QE and SRP1
(Status Register 2) bits will be cleared to 0. After CS is driven high, the self- timed Write Status Register cycle will
commence for a time duration of tw (See AC Characteristics).
While the Write Status Register cycle is in progress, the Read Status Register instruction may still be accessed to
check the status of the BUSY bit. The BUSY bit is a 1 during the Write Status Register cycle and a 0 when the
cycle is finished and ready to accept other instructions again. When the BUSY bit is asserted, the Write Enable Latch
(WEL) bit in Status Register will be cleared to 0.
Figure 7-6. Write Status Register Instruction (SPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com