Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL321 Datasheet(PDF) 23 Page - Dialog Semiconductor

Part # AT25QL321
Description  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321 Datasheet(HTML) 23 Page - Dialog Semiconductor

Back Button AT25QL321 Datasheet HTML 19Page - Dialog Semiconductor AT25QL321 Datasheet HTML 20Page - Dialog Semiconductor AT25QL321 Datasheet HTML 21Page - Dialog Semiconductor AT25QL321 Datasheet HTML 22Page - Dialog Semiconductor AT25QL321 Datasheet HTML 23Page - Dialog Semiconductor AT25QL321 Datasheet HTML 24Page - Dialog Semiconductor AT25QL321 Datasheet HTML 25Page - Dialog Semiconductor AT25QL321 Datasheet HTML 26Page - Dialog Semiconductor AT25QL321 Datasheet HTML 27Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 79 page
background image
22
AT25QL321
DS-25QL321–131C–5/2017
Figure 7-13. Fast Read instruction (QPI Mode, 104MHz)
7.11 Fast Read Dual Output (3Bh)
By using two pins (IO0 and IO1, instead of just IO0), The Fast Read Dual Output instruction allows data to be transferred from
the AT25QL321 at twice the rate of standard SPI devices. The Fast Read Dual Output instruction is ideal for quickly
downloading code from Flash to RAM upon power-up or for application that cache code-segments to RAM for execution.
The Fast Read Dual Output instruction can operate at the highest possible frequency of FR (see AC Electrical Characteristics).
After the 24‐bit address, this is accomplished by adding eight “dummy” clocks as shown in Figure 7-14. The dummy clocks
allow the internal circuits additional time for setting up the initial address. During the dummy clocks, the data value on the SO
pin is a “don’t care”. However, the IO0 pin should be high‐impedance prior to the falling edge of the first data out clock.
Figure 7-14. Fast Read Dual Output instruction (SPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com