Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL321 Datasheet(PDF) 14 Page - Dialog Semiconductor

Part # AT25QL321
Description  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321 Datasheet(HTML) 14 Page - Dialog Semiconductor

Back Button AT25QL321 Datasheet HTML 10Page - Dialog Semiconductor AT25QL321 Datasheet HTML 11Page - Dialog Semiconductor AT25QL321 Datasheet HTML 12Page - Dialog Semiconductor AT25QL321 Datasheet HTML 13Page - Dialog Semiconductor AT25QL321 Datasheet HTML 14Page - Dialog Semiconductor AT25QL321 Datasheet HTML 15Page - Dialog Semiconductor AT25QL321 Datasheet HTML 16Page - Dialog Semiconductor AT25QL321 Datasheet HTML 17Page - Dialog Semiconductor AT25QL321 Datasheet HTML 18Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 79 page
background image
13
AT25QL321
DS-25QL321–131C–5/2017
Block Erase(64KB)
D8h
A23‐A16
A15‐A8
A7-A0
Chip Erase
60h/C7h
Erase/Program
Suspend
75h
Erase/Program
Resume
7Ah
Deep Power Down
B9h
Release Deep power
down/ Device ID(4)
ABh
dummy
dummy
dummy
(ID7-ID0)(2)
Read Manufacturer/
Device ID(4)
90h
00h
00h
00h or 01h
(MID7‐
MID0)
(DID7‐DID0)
Read JEDEC ID
9Fh
(MID7‐MID0)
(D7‐D0)
(D7‐D0)
Reset Enable
66h
Reset
99h
Enter Secured OTP
B1h
Exit Secured OTP
C1h
Read
Security Register
2Bh
(SC7-SC0) (10)
Write
Security Register
2Fh
Read Serial Flash
Discovery Parameter
5Ah
A23‐A16
A15‐A8
A7-A0
dummy
(D7‐D0)
7.1
Instruction Set Tables
Table 7-2.
Instruction Set Table 1 (SPI instruction)(1)
Table 7-3.
Instruction Set Table 2 (Dual SPI Instruction)
INSTRUCTION
(CLOCK NUMBER)
(0 – 7)
(8 - 15)
(16 ‐ 23)
(24 ‐ 31)
(32 ‐ 39)
(40 ‐ 47)
Fast Read Dual Output
3Bh
A23-A16
A15-A8
A7-A0
dummy
(D7‐D0)(6)
Fast Read Dual I/O
BBh
A23-A8(5)
A7-A0,
(D7‐D0, …)(6)
Read Dual Manufacturer/
Device ID(4)
92h
0000h
(00h, xxxx) or
(01h, xxxx)
(MID7‐MID0)
(DID7‐DID0)(6)
Table 7-4.
Instruction Set Table 3 (Quad SPI Instruction)
INSTRUCTION
(CLOCK NUMBER)
(0 – 7)
(8 - 15)
(16 ‐ 23)
(24 ‐ 31)
(32 ‐ 39)
(40 ‐ 47)
Fast Read Quad Output
6Bh
A23-A16
A15-A8
A7-A0
dummy
(D7‐D0) (8)
Fast Read Quad I/O
EBh
A23‐A0,
M7‐M0(7)
(xxx, D7-D0,…)(9)
(D7‐D0, …)(8)
Quad Page Program
33h
A23-A0
(D7‐D0, …)(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com