Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL321 Datasheet(PDF) 16 Page - Dialog Semiconductor

Part # AT25QL321
Description  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321 Datasheet(HTML) 16 Page - Dialog Semiconductor

Back Button AT25QL321 Datasheet HTML 12Page - Dialog Semiconductor AT25QL321 Datasheet HTML 13Page - Dialog Semiconductor AT25QL321 Datasheet HTML 14Page - Dialog Semiconductor AT25QL321 Datasheet HTML 15Page - Dialog Semiconductor AT25QL321 Datasheet HTML 16Page - Dialog Semiconductor AT25QL321 Datasheet HTML 17Page - Dialog Semiconductor AT25QL321 Datasheet HTML 18Page - Dialog Semiconductor AT25QL321 Datasheet HTML 19Page - Dialog Semiconductor AT25QL321 Datasheet HTML 20Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 79 page
background image
15
AT25QL321
DS-25QL321–131C–5/2017
Notes:
1.
Data bytes are shifted with Most Significant Bit first. Byte fields with data in parenthesis “()” indicate data being read from the device
on the IO pin.
2.
SR = status register, The Status Register contents and Device ID will repeat continuously until CS terminates the instruction.
3.
At least one byte of data input is required for Page Program, Quad Page Program and Program Security Register, up to 256 bytes
of data input. If more than 256 bytes of data are sent to the device, the addressing will wrap to the beginning of the page and
overwrite previously sent data.
4.
See Manufacturer and Device Identification table for Device ID information.
5.
Dual Input Address
IO0 = A22, A20, A18, A16, A14, A12, A10, A8, A6, A4, A2, A0, M6, M4, M2, M0
IO1 = A23, A21, A19, A17, A15, A13, A11, A9, A7, A5, A3, A1, M7, M5, M3, M1
6.
Dual Output data
IO0 = (D6, D4, D2, D0)
IO1 = (D7, D5, D3, D1)
7.
Quad Input Address
Set Burst with Wrap Input
IO0 = A20, A16, A12, A8, A4, A0, M4, M0
IO0 = x, x, x, x, x, x, W4,
x
IO1 = A21, A17, A13, A9, A5, A1, M5, M1
IO1 = x, x, x, x, x, x, W5, x
IO2 = A22, A18, A14, A10, A6, A2, M6, M2
IO2 = x, x, x, x, x, x, W6, x
IO3 = A23, A19, A15, A11, A7, A3, M7, M3
IO3 = x, x, x, x, x, x, x
x
8.
Quad Input/ Output Data
IO0 = (D4, D0…)
IO1 = (D5, D1…)
IO2 = (D6, D2…)
IO3 = (D7, D3…)
9.
Fast Read Quad I/O Data Output
IO0 = (x, x, x, x, D4, D0…)
IO1 = (x, x, x, x, D5, D1…)
IO2 = (x, x, x, x, D6, D2…)
IO3 = (x, x, x, x, D7, D3…)
10.
SC = security register
 
7.2
Write Enable (06h)
Write Enable instruction is for setting the Write Enable Latch (WEL) bit in the Status Register. The WEL bit must be set prior to
every Program, Erase and Write Status Register instruction. To enter the Write Enable instruction, CS goes low prior to the
instruction “06h” into Data Input (SI) pin on the rising edge of SCK, and then driving CS high.
Read Security Register
2Bh
(SC7-
SC0) (10)
Write Security Register
2Fh
Fast Read
Quad I/O
>80MHz
EBh
A23‐A16
A15‐A8
A7-A0
(M7-M0)
dummy
(D7‐D0)
>104MHz
A23‐A16
A15‐A8
A7-A0
(M7‐
M0)
dummy
dummy
(D7-
D0)
Reset Enable
66h
Reset
99h
Disable QPI
FFh
Burst
Read with
Wrap
>80MHz
0Ch
A23‐A16
A15‐A8
A7-A0
dummy
dummy
(D7‐D0)
>104MHz
A23‐A16
A15‐A8
A7-A0
dummy
dummy
dummy
(D7‐
D0)
Set Read Parameter
C0h
P7-P0
Quad Page Program
33h
A23‐A16
A15‐A8
A7-A0
(D7‐D0)
Table 7-5.
Instruction Set Table 4 (QPI instruction)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com