Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL321 Datasheet(PDF) 37 Page - Dialog Semiconductor

Part # AT25QL321
Description  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321 Datasheet(HTML) 37 Page - Dialog Semiconductor

Back Button AT25QL321 Datasheet HTML 33Page - Dialog Semiconductor AT25QL321 Datasheet HTML 34Page - Dialog Semiconductor AT25QL321 Datasheet HTML 35Page - Dialog Semiconductor AT25QL321 Datasheet HTML 36Page - Dialog Semiconductor AT25QL321 Datasheet HTML 37Page - Dialog Semiconductor AT25QL321 Datasheet HTML 38Page - Dialog Semiconductor AT25QL321 Datasheet HTML 39Page - Dialog Semiconductor AT25QL321 Datasheet HTML 40Page - Dialog Semiconductor AT25QL321 Datasheet HTML 41Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 79 page
background image
36
AT25QL321
DS-25QL321–131C–5/2017
Resume instruction cannot be accepted if the previous Erase/Program Suspend operation was interrupted by
unexpected power off. It is also required that a subsequent Erase/Program Suspend instruction not to be issued within a
minimum of time of “tSUS” following a previous Resume instruction. (Please refer to Figure 7-35 and Figure 7-36).
Figure 7-35. Erase / Program Resume instruction (SPI Mode)
Figure 7-36. Erase / Program Resume instruction (QPI Mode)
7.23 Deep Power Down (B9h)
Executing the Deep Power Down instruction is the best way to put the device in the lowest power consumption. The
Deep Power Down instruction reduces the standby current (from ICC1 to ICC2, as specified in AC characteristics). The
instruction is entered by driving the CS pin low with following the instruction code “B9h”. (Please refer to Figure 7-37 and
Figure 7-38).
The CS pin must go high exactly at the byte boundary (the latest eighth bit of instruction code been latched‐in);
otherwise, the Deep Power Down instruction is not executed. After CS goes high, it requires a delay of tDP and the Deep
Power Down mode is entered. While in the Release Deep Power Down / Device ID instruction, which restores the device
to normal operation, will be recognized. All other instructions are ignored including the Read Status Register instruction,
which is always available during normal operation. Deep Power Down Mode automatically stops at Power-Down, and the
device always Power‐up in the Standby Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com