Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL321 Datasheet(PDF) 42 Page - Dialog Semiconductor

Part # AT25QL321
Description  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321 Datasheet(HTML) 42 Page - Dialog Semiconductor

Back Button AT25QL321 Datasheet HTML 38Page - Dialog Semiconductor AT25QL321 Datasheet HTML 39Page - Dialog Semiconductor AT25QL321 Datasheet HTML 40Page - Dialog Semiconductor AT25QL321 Datasheet HTML 41Page - Dialog Semiconductor AT25QL321 Datasheet HTML 42Page - Dialog Semiconductor AT25QL321 Datasheet HTML 43Page - Dialog Semiconductor AT25QL321 Datasheet HTML 44Page - Dialog Semiconductor AT25QL321 Datasheet HTML 45Page - Dialog Semiconductor AT25QL321 Datasheet HTML 46Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 79 page
background image
41
AT25QL321
DS-25QL321–131C–5/2017
7.27 Read Manufacturer / Device ID Quad I/O (94h)
The Read Manufacturer/ Device ID Quad I/O instruction provides both the JEDEC assigned manufacturer ID and the
specific device ID.
The Read Manufacturer/ Device ID instruction is very similar to the Fast Read Quad I/O instruction. The instruction is
initiated by driving the CS pin low and shifting the instruction code “94h” followed by a 24‐bit address (A23-A0) of
000000h. After which, the Manufacturer ID for Adesto (1Fh) and the Device ID(15h) are shifted out on the falling edge of
SCK with most significant bit (MSB) first as shown in Figure 7-45. If the 24‐bit address is initially set to 000001h the
Device ID will be read first and then followed by the Manufacturer ID. The Manufacturer and Device ID can be read
continuously, alternating from one to the other. The instruction is completed by driving CS high.
Figure 7-45. Read Quad Manufacturer/ Device ID Quad I/O instruction (SPI Mode)
JEDEC ID (9Fh)
For compatibility reasons, the AT25QL321 provides several instructions to electronically determine the identity of the
device. The Read JEDEC ID instruction is congruous with the JEDEC standard for SPI compatible serial flash memories
that was adopted in 2003. The instruction is entered by driving the CS pin low with following the instruction code “9Fh”.
JEDEC assigned Manufacturer ID byte for Adesto (1Fh) and two Device ID bytes, Memory Type (ID-15-ID8) and
Capacity (ID7-ID0) are then shifted out on the falling edge of SCK with most significant bit (MSB) first shown in Figure
7-46 and Figure 7-47. For memory type and capacity values refer to Manufacturer and Device Identification table. The
JEDEC ID can be read continuously. The instruction is terminated by driving CS high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com