Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL321 Datasheet(PDF) 53 Page - Dialog Semiconductor

Part # AT25QL321
Description  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321 Datasheet(HTML) 53 Page - Dialog Semiconductor

Back Button AT25QL321 Datasheet HTML 49Page - Dialog Semiconductor AT25QL321 Datasheet HTML 50Page - Dialog Semiconductor AT25QL321 Datasheet HTML 51Page - Dialog Semiconductor AT25QL321 Datasheet HTML 52Page - Dialog Semiconductor AT25QL321 Datasheet HTML 53Page - Dialog Semiconductor AT25QL321 Datasheet HTML 54Page - Dialog Semiconductor AT25QL321 Datasheet HTML 55Page - Dialog Semiconductor AT25QL321 Datasheet HTML 56Page - Dialog Semiconductor AT25QL321 Datasheet HTML 57Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 79 page
background image
52
AT25QL321
DS-25QL321–131C–5/2017
Fast Dual Read Output
(1 -1 -2)
0=Not supported, 1=Supported
32h
16
1
F1h
Number of Address Bytes
00:3 Byte only
01:3 or 4 Byte
10:4 Byte only
11:Reserved
18:17
00
Double Transfer Rate (DTR)
Clocking
0=Not supported, 1=Supported
19
0
Fast Dual I/O Read
(1-2- 2)
0=Not supported, 1=Supported
20
1
Fast Quad I/O Read
(1-4-4)
0=Not supported, 1=Supported
21
1
Fast Quad Output Read
(1-1-4)
0=Not supported, 1=Supported
22
1
Reserved
FFh
23
1
Reserved
FFh
33h
31:24
1111 1111
FFh
Flash Memory Density
34h
07:00
1111 1111
FFh
35h
15:08
1111 1111
FFh
36h
23:16
1111 1111
FFh
37h
31:24
0000 0001
01h
Fast Quad I/O (1-4-4)
Number of dummy clocks
number of dummy clocks
38h
04:00
00100
44h
Fast Quad I/O (1-4-4)
Number of mode bits
number of mode bits
07:05
010
Fast Quad I/O (1-4-4)
Read Opcode
Opcode or FFh
39h
15:08
1110 1011
EBh
Fast Quad Output (1-1-4)
Number of dummy clocks
number of dummy clocks
3Ah
20:16
01000
08h
Fast Quad Output (1-1-4)
Number of mode bits
number of mode bits
23:21
000
Fast Quad Output (1-1-4)
Read Opcode
Opcode or FFh
3Bh
31:24
0110 1011
6Bh
Fast Dual Output (1-1-2)
Number of dummy clocks
number of dummy clocks
3Ch
04:00
01000
08h
Fast Dual Output (1-1-2)
Number of mode bits
number of mode bits
07:05
000
Fast Dual Output (1-1-2)
Read Opcode
Opcode or FFh
3Dh
15:08
0011 1011
3Bh
Description
Comment
Address
(h) Byte
Address
(Bit)
Data (b)
(Bit)
Data (h)
(Byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com