Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL321 Datasheet(PDF) 57 Page - Dialog Semiconductor

Part # AT25QL321
Description  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321 Datasheet(HTML) 57 Page - Dialog Semiconductor

Back Button AT25QL321 Datasheet HTML 53Page - Dialog Semiconductor AT25QL321 Datasheet HTML 54Page - Dialog Semiconductor AT25QL321 Datasheet HTML 55Page - Dialog Semiconductor AT25QL321 Datasheet HTML 56Page - Dialog Semiconductor AT25QL321 Datasheet HTML 57Page - Dialog Semiconductor AT25QL321 Datasheet HTML 58Page - Dialog Semiconductor AT25QL321 Datasheet HTML 59Page - Dialog Semiconductor AT25QL321 Datasheet HTML 60Page - Dialog Semiconductor AT25QL321 Datasheet HTML 61Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 79 page
background image
56
AT25QL321
DS-25QL321–131C–5/2017
Reserved
1h
5Dh
5Eh
5Fh
08
1
A1h
07h
3Dh
Program Resume to
Suspend time
Count of 64us
12:09
0 000
Program Suspend Maximum
time
Count or 00h
17:13
11 101
Program Suspend Maximum
units
00b: 128ns,
01b: 1us,
10b: 8us,
11b: 64us
19:18
01
Erase Resume to Suspend
time
Count of 64us
23:20
0000
Erase Suspend Maximum
time
Count or 00h
28:24
1 1101
Erase Suspend Maximum
units
00b: 128ns,
01b: 1us,
10b: 8us,
11b: 64us
30:29
01
Suspend / Resume
supported
0: Program and Erase suspend
supported
1: not supported
31
0
Program Resume Opcode
Opcode or FFh
60h
7:0
0111 1010
7Ah
Program Suspend Opcode
Opcode or FFh
61h
15:8
0111 0101
75h
Resume Opcode
Opcode or FFh
62h
23:16
0111 1010
7Ah
Suspend Opcode
Opcode or FFh
63h
31:24
0111 0101
75h
Reserved
11b
64h
01:00
11
F7h
Status Register Busy Polling
xxxxx1b: Opcode = 05h, bit-0 =
1 Busy,
xxxx1xb: Opcode = 70h, bit-7 =
0 Busy,
others: reserved
07:02
1111 01
Description
Comment
Address
(h) Byte
Address
(Bit)
Data (b)
(Bit)
Data (h)
(Byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com