Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL321 Datasheet(PDF) 15 Page - Dialog Semiconductor

Part # AT25QL321
Description  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321 Datasheet(HTML) 15 Page - Dialog Semiconductor

Back Button AT25QL321 Datasheet HTML 11Page - Dialog Semiconductor AT25QL321 Datasheet HTML 12Page - Dialog Semiconductor AT25QL321 Datasheet HTML 13Page - Dialog Semiconductor AT25QL321 Datasheet HTML 14Page - Dialog Semiconductor AT25QL321 Datasheet HTML 15Page - Dialog Semiconductor AT25QL321 Datasheet HTML 16Page - Dialog Semiconductor AT25QL321 Datasheet HTML 17Page - Dialog Semiconductor AT25QL321 Datasheet HTML 18Page - Dialog Semiconductor AT25QL321 Datasheet HTML 19Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 79 page
background image
14
AT25QL321
DS-25QL321–131C–5/2017
Read Quad
Manufacturer /Device ID(4)
94h
(00_0000h, xx)
or
(00_0001h, xx)
(xxxx,
MID7‐MID0) (xxxx,
DID7‐DID0)(9)
Word Read Quad I/O
E7h
A23‐A0,
M7‐M0(7)
(xx, D7‐D0..)
(D7‐D0)(8)
Set Burst with Wrap
77h
xxxxxx, W6‐
W4(7)
Table 7-4.
Instruction Set Table 3 (Quad SPI Instruction)
Table 7-5.
Instruction Set Table 4 (QPI instruction)
INSTRUCTION
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTE 6
BYTE 7
BYTE 8
BYTE 9
(CLOCK NUMBER)
(0 , 1 )
(2 , 3)
(4 , 5)
(6 , 7)
(8 , 9)
(10 , 11)
(12 , 13)
(14 , 15)
(16 , 17)
Write Enable
06h
Write Enable for Volatile
50h
Write Disable
04h
Read Status Register‐1
05h
(SR7‐
SR0) (2)
Read Status Register‐2
35h
(SR15‐
SR8)(2)
Write Status Register-1(5)
01h
(SR7‐
SR0)
(SR15‐
SR8)
Write Status Register‐2
31h
(SR15‐
SR8)
Fast Read
Data
>80MHz
0Bh
A23‐A16
A15‐A8
A7-A0
dummy
dummy
(D7‐D0)
>104MHz
A23‐A16
A15‐A8
A7-A0
dummy
dummy
dummy
(D7-
D0)
Page Program
02h
A23‐A16
A15‐A8
A7-A0
(D7‐D0)(3)
Block Erase(4KB)
20h
A23‐A16
A15‐A8
A7-A0
Block Erase(32KB)
52h
A23‐A16
A15‐A8
A7-A0
Block Erase(64KB)
D8h
A23‐A16
A15‐A8
A7-A0
Chip Erase
60h/
C7h
Erase/Program Suspend
75h
Erase/Program Resume
7Ah
Deep Power Down
B9h
Release Deep Power Down
ABh
Read Manufacturer/Device ID(4)
90h
00h
00h
00h or
01h
(MID7‐
MID0)
(DID7‐
DID0)
Read JEDEC ID(4)
9Fh
(MID7‐
MID0)
Manufacturer
(D7‐D0)
Memory
Type
(D7‐D0)
Capacity
Type
Enter Security
B1h
Exit Security
C1h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com