Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL321 Datasheet(PDF) 46 Page - Dialog Semiconductor

Part # AT25QL321
Description  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321 Datasheet(HTML) 46 Page - Dialog Semiconductor

Back Button AT25QL321 Datasheet HTML 42Page - Dialog Semiconductor AT25QL321 Datasheet HTML 43Page - Dialog Semiconductor AT25QL321 Datasheet HTML 44Page - Dialog Semiconductor AT25QL321 Datasheet HTML 45Page - Dialog Semiconductor AT25QL321 Datasheet HTML 46Page - Dialog Semiconductor AT25QL321 Datasheet HTML 47Page - Dialog Semiconductor AT25QL321 Datasheet HTML 48Page - Dialog Semiconductor AT25QL321 Datasheet HTML 49Page - Dialog Semiconductor AT25QL321 Datasheet HTML 50Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 79 page
background image
45
AT25QL321
DS-25QL321–131C–5/2017
Wrap Around in SPI mode
The Word Read Quad I/O instruction can also be used to access a specific portion within a page by issuing a “Set
Burst with Wrap” (77h) instruction prior to E7h. The “Set Burst with Wrap” (77h) instruction can either enable or disable
the “Wrap Around” feature for the following E7h commands. When “Wrap Around” is enabled, the output data starts at
the initial address specified in the instruction, once it reaches the ending boundary of the 8/16/32/64-byte section,
the output will wrap around to the beginning boundary automatically until CS is pulled high to terminate the instruction.
The Burst with Wrap feature allows applications that use cache to quickly fetch a critical address and then fill the cache
afterwards within a fixed length (8/16/32/64-byte) of data without issuing read instructions.
The “Set Burst with Wrap” instruction allows three “Wrap Bits”, W6‐4 to be set. The W4 bit is used to enable or disable
the “Wrap Around” operation while W6-5 is used to specify the length of the wrap around section within a page. See
10.35 for detail descriptions.
7.31 Set Burst with Wrap (77h)
The Set Burst with Wrap (77h) instruction is used in conjunction with “Fast Read Quad I/O” and “Word Read Quad
I/O” instructions to access a fixed length of 8/16/32/64-byte section within a 256-byte page. Certain applications can
benefit from this feature and improve the overall system code execution performance. Before the device will accept the
Set Burst with Wrap instruction, a Quad enable of Status Register-2 must be executed (Status Register bit QE must
equal 1).
The Set Burst with Wrap instruction is initiated by driving the CS pin low and then shifting the instruction code “77h”
followed by 24 dummy bits and 8 “Wrap Bits”, W7-0. The instruction sequence is shown in Set Burst with Wrap
Instruction Sequence. Wrap bit W7 and W3‐0 are not used.
Once W6-4 is set by a Set Burst with Wrap instruction, all the following “Fast Read Quad I/O” and Word Read Quad I/O
instructions will use the W6-4 setting to access the 8/16/32/64‐byte section within any page. To exit the “Wrap Around” function
and return to normal read operation, another Set Burst with Wrap instruction should be issued to set W4 = 1. The default
value of W4 upon power on is 1. In the case of a system Reset while W4 = 0, it is recommended that the controller issues a
Set Burst with Wrap instruction or Reset (99h) instruction to reset W4 = 1 prior to any normal Read instructions since
AT25QL321 does not have a hardware Reset Pin.
W6, W5
W4 = 0
W4 = 1(Default)
Wrap Around
Wrap Length
Wrap Around
Wrap Length
00
Yes
8-byte
No
N/A
01
Yes
16-byte
No
N/A
10
Yes
32-byte
No
N/A
11
Yes
64-byte
No
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com