Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL321 Datasheet(PDF) 29 Page - Dialog Semiconductor

Part # AT25QL321
Description  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321 Datasheet(HTML) 29 Page - Dialog Semiconductor

Back Button AT25QL321 Datasheet HTML 25Page - Dialog Semiconductor AT25QL321 Datasheet HTML 26Page - Dialog Semiconductor AT25QL321 Datasheet HTML 27Page - Dialog Semiconductor AT25QL321 Datasheet HTML 28Page - Dialog Semiconductor AT25QL321 Datasheet HTML 29Page - Dialog Semiconductor AT25QL321 Datasheet HTML 30Page - Dialog Semiconductor AT25QL321 Datasheet HTML 31Page - Dialog Semiconductor AT25QL321 Datasheet HTML 32Page - Dialog Semiconductor AT25QL321 Datasheet HTML 33Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 79 page
background image
28
AT25QL321
DS-25QL321–131C–5/2017
7.15 Page Program (02h)
The Page Program instruction is for programming the memory to be “0”. A Write Enable instruction must be issued
before the device accept the Page Program Instruction (Status Register bit WEL=1). After the Write Enable (WREN)
instruction has been decoded, the device sets the Write Enable Latch (WEL). The instruction is entered by driving the
CS pin low and then sending the instruction code “02h” with following a 24-bits address (A23-A0) and at least one data
byte, into the SI pin. The CS pin must be driven low for the entire time of the instruction while data is being sent to the
device. (Please refer to Figure 7-22 and Figure 7-23).
If an entire 256 byte page is to be programmed, the last address byte (the 8 least significant address bits) should be set
to 0. If the last address byte is not zero, and the number of clocks exceeds the remaining page length, the addressing
will wrap to the beginning of the page. In some cases, less than 256 bytes (a partial page) can be programmed without
having any effect on other bytes within the same page. One condition to perform a partial page program is that the
number of clocks cannot exceed the remaining page length. If more than 256 bytes are sent to the device the addressing
will wrap to the beginning of the page and overwrite previously sent data
The CS pin must be driven high after the eighth bit of the last byte has been latched. If this is not done the Page
Program instruction will not be executed. After CS is driven high, the self-timed Page Program instruction will
commence for a time duration of tPP (See AC Characteristics). While the Page Program cycle is in progress, the Read
Status Register instruction may still be accessed for checking the status of the BUSY bit. The BUSY bit is a 1 during the
Page Program cycle and becomes a 0 when the cycle is finished and the device is ready to accept other instructions
again. When the BUSY bit is asserted, the Write Enable Latch (WEL) bit in the Status Register is cleared to 0.
Figure 7-22. Page Program Instruction (SPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com