Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL321 Datasheet(PDF) 36 Page - Dialog Semiconductor

Part # AT25QL321
Description  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321 Datasheet(HTML) 36 Page - Dialog Semiconductor

Back Button AT25QL321 Datasheet HTML 32Page - Dialog Semiconductor AT25QL321 Datasheet HTML 33Page - Dialog Semiconductor AT25QL321 Datasheet HTML 34Page - Dialog Semiconductor AT25QL321 Datasheet HTML 35Page - Dialog Semiconductor AT25QL321 Datasheet HTML 36Page - Dialog Semiconductor AT25QL321 Datasheet HTML 37Page - Dialog Semiconductor AT25QL321 Datasheet HTML 38Page - Dialog Semiconductor AT25QL321 Datasheet HTML 39Page - Dialog Semiconductor AT25QL321 Datasheet HTML 40Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 79 page
background image
35
AT25QL321
DS-25QL321–131C–5/2017
Unexpected power off during the Erase/Program suspend state will reset the device and release the suspend state.
SUS bit in the Status Register will also reset to 0. The data within the page or block that was being suspended may
become corrupted. It is recommended for the user to implement system design techniques against the accidental
power interruption and preserve data integrity during erase/program suspend state. (Please refer to Figure 7-33 and
Figure 7-34).
Figure 7-33. Erase Suspend instruction (SPI Mode)
Figure 7-34. Erase Suspend instruction (QPI Mode)
7.22 Erase / Program Resume (7Ah)
The Erase/Program Resume instruction “7Ah” is to restart the Block Erase operation or the Page Program operation
upon an Erase/Program Suspend. The Resume instruction
“7Ah” will be accepted by the device only if the SUS bit in
the Status Register equals to 1 and the BUSYbit equals to 0. After issued, the SUS bit will be cleared from 1 to 0
immediately, the BUSY bit will be set from 0 to 1 within 200ns and the Block will complete the erase operation or the
page will complete the program operation. If the SUS bit equals to 0 or the BUSY bit equals to 1, the Resume
instruction “7Ah” will be ignored by the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com