Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL321 Datasheet(PDF) 67 Page - Dialog Semiconductor

Part # AT25QL321
Description  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321 Datasheet(HTML) 67 Page - Dialog Semiconductor

Back Button AT25QL321 Datasheet HTML 63Page - Dialog Semiconductor AT25QL321 Datasheet HTML 64Page - Dialog Semiconductor AT25QL321 Datasheet HTML 65Page - Dialog Semiconductor AT25QL321 Datasheet HTML 66Page - Dialog Semiconductor AT25QL321 Datasheet HTML 67Page - Dialog Semiconductor AT25QL321 Datasheet HTML 68Page - Dialog Semiconductor AT25QL321 Datasheet HTML 69Page - Dialog Semiconductor AT25QL321 Datasheet HTML 70Page - Dialog Semiconductor AT25QL321 Datasheet HTML 71Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 79 page
background image
66
AT25QL321
DS-25QL321–131C–5/2017
Figure 8-3. AC Measurement I/O Waveform
8.8
AC Electrical Characteristics
DESCRIPTION
SYMBOL
ALT
SPEC
UNIT
MIN
TYP
MAX
Clock frequency
For all instructions, except Read Data (03h)
FR
fc
D.C.
104(6)
MHz
Clock freq. Read Data instruction (03h)
fR
D.C.
50
MHz
Clock High, Low Time except Read Data (03h)
tCLH,
tCLL(1)
4.5
ns
Clock High, Low Time for Read Data (03h)
tCRLH,
tCRLL(1)
8
ns
Clock Rise Time peak to peak
tCLCH(2)
0.1
V/ns
Clock Fall Time peak to peak
tCHCL(2)
0.1
V/ns
CS Active Setup Time relative to Clock
tSLCH
tCSS
5
ns
CS Not Active Hold Time relative to Clock
tCHSL
5
ns
Data In Setup Time
tDVCH
tDSU
2
ns
Data In Hold Time
tCHDX
tDH
5
ns
CS Active Hold Time relative to Clock
tCHSH
5
ns
CS Not Active Setup Time relative to Clock
tSHCH
5
ns
CS Deselect Time (for Read instructions/ Write,
Erase and Program instructions)
tSHSL
tCSH
100
ns
Output Disable Time
tSHQZ(2)
tDIS
7
ns
Clock Low to Output Valid
tCLQV
tV1
7
ns
Clock Low to Output Valid ( Except Main Read ) (3)
tCLQV
tV2
8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com