Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7006CHIP Datasheet(PDF) 3 Page - Analog Devices

Part # ADPA7006CHIP
Description  18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7006CHIP Datasheet(HTML) 3 Page - Analog Devices

  ADPA7006CHIP Datasheet HTML 1Page - Analog Devices ADPA7006CHIP Datasheet HTML 2Page - Analog Devices ADPA7006CHIP Datasheet HTML 3Page - Analog Devices ADPA7006CHIP Datasheet HTML 4Page - Analog Devices ADPA7006CHIP Datasheet HTML 5Page - Analog Devices ADPA7006CHIP Datasheet HTML 6Page - Analog Devices ADPA7006CHIP Datasheet HTML 7Page - Analog Devices ADPA7006CHIP Datasheet HTML 8Page - Analog Devices ADPA7006CHIP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADPA7006CHIP
Rev. 0 | Page 3 of 24
SPECIFICATIONS
18 GHz TO 20 GHz FREQUENCY RANGE
TA = 25°C, VDD = 5 V, quiescent supply current (IDQ) = 800 mA for nominal operation, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
18
20
GHz
GAIN
22.5
dB
Gain Flatness
±0.75
dB
Gain Variation Over Temperature
0.011
dB/°C
NOISE FIGURE
9.5
dB
RETURN LOSS
Input
13
dB
Output
17
dB
OUTPUT
Output Power for 1 dB Compression
P1dB
26
dBm
Saturated Output Power
PSAT
27
dBm
Output Third-Order Intercept
IP3
34
dBm
Measurement taken at output power (POUT)
per tone = 14 dBm
SUPPLY
Current
IDQ
800
mA
Adjust the gate bias voltage (VGGx) from −1.5 V to
0 V to achieve the desired IDQ
Voltage
VDD
4
5
V
20 GHz TO 28 GHz FREQUENCY RANGE
TA = 25°C, VDD = 5 V, quiescent supply current (IDQ) = 800 mA for nominal operation, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
20
28
GHz
GAIN
23
25
dB
Gain Flatness
±1.0
dB
Gain Variation Over Temperature
0.026
dB/°C
NOISE FIGURE
7.5
dB
RETURN LOSS
Input
16
dB
Output
24
dB
OUTPUT
Output Power for 1 dB Compression
P1dB
26.0
28.5
dBm
Saturated Output Power
PSAT
29
dBm
Output Third-Order Intercept
IP3
36
dBm
Measurement taken at POUT per tone = 14 dBm
SUPPLY
Current
IDQ
800
mA
Adjust the gate bias voltage (VGGX) from −1.5 V to
0 V to achieve the desired IDQ
Voltage
VDD
4
5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com