Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7006CHIP Datasheet(PDF) 12 Page - Analog Devices

Part # ADPA7006CHIP
Description  18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7006CHIP Datasheet(HTML) 12 Page - Analog Devices

Back Button ADPA7006CHIP Datasheet HTML 8Page - Analog Devices ADPA7006CHIP Datasheet HTML 9Page - Analog Devices ADPA7006CHIP Datasheet HTML 10Page - Analog Devices ADPA7006CHIP Datasheet HTML 11Page - Analog Devices ADPA7006CHIP Datasheet HTML 12Page - Analog Devices ADPA7006CHIP Datasheet HTML 13Page - Analog Devices ADPA7006CHIP Datasheet HTML 14Page - Analog Devices ADPA7006CHIP Datasheet HTML 15Page - Analog Devices ADPA7006CHIP Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADPA7006CHIP
Data Sheet
Rev. 0 | Page 12 of 24
46
44
36
40
42
34
38
32
30
28
26
20
22
24
18
44
38
30
42
34
36
40
32
28
26
24
22
20
FREQUENCY (GHz)
700mA
750mA
800mA
850mA
900mA
Figure 40. Output IP3 vs Frequency for Various Supply Currents (IDQ),
POUT per Tone = 14 dBm, VDD = 5 V
10
20
18
16
14
12
POUT PER TONE (dBm)
42GHz
38GHz
34GHz
30GHz
26GHz
22GHz
70
20
30
40
25
35
45
50
55
60
65
Figure 41. Third-Order Intermodulation Distortion Relative to Carrier (IM3) vs.
POUT per Tone, VDD = 5 V, IDQ = 800 mA
10
20
18
16
14
12
POUT PER TONE (dBm)
42GHz
38GHz
34GHz
30GHz
26GHz
22GHz
70
20
30
40
25
35
45
50
55
60
65
Figure 42. Third-Order Intermodulation Distortion Relative to Carrier (IM3) vs.
POUT per Tone, VDD = 5 V, IDQ = 800 mA
–1.5
–0.5
–1.4 –1.3 –1.2 –1.1 –1.0
–09
–0.8 –0.7 –0.6
GATE SUPPLY VOLTAGE (V)
1350
–50
150
350
50
250
450
950
1050
1150
1250
550
650
750
850
Figure 43. Quiescent Supply Current (IDQ) vs. Gate Supply Voltage (VGGx)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com