Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7006CHIP Datasheet(PDF) 17 Page - Analog Devices

Part # ADPA7006CHIP
Description  18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7006CHIP Datasheet(HTML) 17 Page - Analog Devices

Back Button ADPA7006CHIP Datasheet HTML 13Page - Analog Devices ADPA7006CHIP Datasheet HTML 14Page - Analog Devices ADPA7006CHIP Datasheet HTML 15Page - Analog Devices ADPA7006CHIP Datasheet HTML 16Page - Analog Devices ADPA7006CHIP Datasheet HTML 17Page - Analog Devices ADPA7006CHIP Datasheet HTML 18Page - Analog Devices ADPA7006CHIP Datasheet HTML 19Page - Analog Devices ADPA7006CHIP Datasheet HTML 20Page - Analog Devices ADPA7006CHIP Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
ADPA7006CHIP
Rev. 0 | Page 17 of 24
MMIC
PCB
50Ω
TRANSMISSION LINE
MATCHING STUB/BONDPAD
SHUNT CAPACITANCE = 15fF
3mil GAP
RFOUT
3mil GOLD
RIBBON
Figure 53. High Frequency Output Wideband Matching
Handling Precautions
To avoid permanent damage, follow these storage, cleanliness,
static sensitivity, transient, and general handling precautions:
Place all bare die in either waffle or gel-based ESD
protective containers and then seal the die in an ESD
protective bag for shipment. After the sealed ESD
protective bag is opened, store all die in a dry nitrogen
environment.
Handle the chips in a clean environment. Do not attempt
to clean the chip using liquid cleaning systems.
Follow ESD precautions to protect against ESD strikes.
While bias is applied, suppress instrument and bias supply
transients. Use shielded signal and bias cables to minimize
inductive pickup.
Handle the chip along the edges with a vacuum collet or
with a sharp pair of tweezers. The surface of the chip has
fragile air bridges and must not be touched with a vacuum
collet, tweezers, or fingers.
Mounting
Before the epoxy die is attached, apply a minimum amount of
epoxy to the mounting surface so that a thin epoxy fillet is
observed around the perimeter of the chip after it is placed into
position. Cure the epoxy per the schedule of the manufacturer.
Wire Bonding
RF bonds made with 3 mil × 0.5 mil gold ribbon are recommended
for the RF ports. These bonds must be thermosonically bonded
with a force of 40 g to 60 g. Thermosonically bonded dc bonds
of 0.025 mm diameter, are recommended. Create ball bonds with a
force of 40 g to 50 g and wedge bonds with a force of 18 g to 22 g.
Create all bonds with a nominal stage temperature of 150°C.
Apply a minimum amount of ultrasonic energy to achieve reliable
bonds. Keep all bonds as short as possible, less than 0.31 mm.
Alternatively, short RF bonds that are ≤3 mm and made with
two 1 mm wires can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com