Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7006CHIP Datasheet(PDF) 7 Page - Analog Devices

Part # ADPA7006CHIP
Description  18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7006CHIP Datasheet(HTML) 7 Page - Analog Devices

Back Button ADPA7006CHIP Datasheet HTML 3Page - Analog Devices ADPA7006CHIP Datasheet HTML 4Page - Analog Devices ADPA7006CHIP Datasheet HTML 5Page - Analog Devices ADPA7006CHIP Datasheet HTML 6Page - Analog Devices ADPA7006CHIP Datasheet HTML 7Page - Analog Devices ADPA7006CHIP Datasheet HTML 8Page - Analog Devices ADPA7006CHIP Datasheet HTML 9Page - Analog Devices ADPA7006CHIP Datasheet HTML 10Page - Analog Devices ADPA7006CHIP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADPA7006CHIP
Rev. 0 | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTIC
30
25
15
20
10
5
0
–5
–25
–20
–15
–10
16 18
48
44 46
38
30
42
34 36
40
32
28
26
24
22
20
FREQUENCY (GHz)
S11
S21
S22
Figure 10. Gain and Return Loss vs. Frequency, VDD = 5 V, IDQ = 800 mA
30
28
24
26
22
20
18
16
10
12
14
18
44
38
30
42
34
36
40
32
28
26
24
22
20
FREQUENCY (GHz)
5V
4V
Figure 11. Gain vs. Frequency for Various Supply Voltages (VDD), IDQ = 800 mA
0
–25
–20
–15
–10
–5
18
44
38
30
42
34
36
40
32
28
26
24
22
20
FREQUENCY (GHz)
+85°C
+25°C
–55°C
Figure 12. Input Return Loss vs. Frequency for Various Temperatures,
VDD = 5 V, IDQ = 800 mA
30
28
26
24
22
20
10
12
14
16
18
18
44
38
30
42
34
36
40
32
28
26
24
22
20
FREQUENCY (GHz)
+85°C
+25°C
–55°C
Figure 13. Gain vs. Frequency for Various Temperatures, VDD = 5 V, IDQ = 800 mA
30
28
26
24
22
20
10
12
14
16
18
18
44
38
30
42
34
36
40
32
28
26
24
22
20
FREQUENCY (GHz)
700mA
800mA
900mA
Figure 14. Gain vs. Frequency for Various IDQ Values, VDD = 5 V
0
–5
–10
–15
–30
–25
–20
18
44
38
30
42
34
36
40
32
28
26
24
22
20
FREQUENCY (GHz)
5V
4V
Figure 15. Input Return Loss vs. Frequency for Various Supply Voltages,
IDQ = 800 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com