Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7006CHIP Datasheet(PDF) 21 Page - Analog Devices

Part # ADPA7006CHIP
Description  18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7006CHIP Datasheet(HTML) 21 Page - Analog Devices

Back Button ADPA7006CHIP Datasheet HTML 16Page - Analog Devices ADPA7006CHIP Datasheet HTML 17Page - Analog Devices ADPA7006CHIP Datasheet HTML 18Page - Analog Devices ADPA7006CHIP Datasheet HTML 19Page - Analog Devices ADPA7006CHIP Datasheet HTML 20Page - Analog Devices ADPA7006CHIP Datasheet HTML 21Page - Analog Devices ADPA7006CHIP Datasheet HTML 22Page - Analog Devices ADPA7006CHIP Datasheet HTML 23Page - Analog Devices ADPA7006CHIP Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADPA7006CHIP
Rev. 0 | Page 21 of 24
PIN (dBm)
–14 –12 –10 –8 –6 –4 –2
0246
8
10 12 14
500
600
700
800
900
1000
1100
1200
CONSTANT DRAIN CURRENT BIAS
CONSTANT GATE VOLTAGE BIAS
Figure 59. IDD vs. Input Power (PIN), VDD = 5 V, Frequency = 32 GHz, Constant
Drain Current Bias vs. Constant Gate Voltage Bias
PIN (dBm)
–14 –12 –10 –8–6–4–2
0
2
4
6
8
101214
0
2
4
6
8
10
12
14
16
18
20
CONSTANT DRAIN CURRENT BIAS
CONSTANT GATE VOLTAGE BIAS
Figure 60. PAE vs. PIN, VDD = 5 V, Frequency = 32 GHz Constant Drain Current
Bias vs. Constant Gate Voltage Bias
PIN (dBm)
–14 –12 –10 –8 –6 –4 –2
02468
10 12 14
0
5
10
15
20
25
30
35
CONSTANT DRAIN CURRENT BIAS
CONSTANT GATE VOLTAGE BIAS
Figure 61. POUT vs. PIN, VDD = 5 V, Frequency = 32 GHz Constant Drain Current
Bias vs. Constant Gate Voltage Bias
FREQUENCY (GHz)
18
20
21
22
23
24
25
26
27
28
29
30
31
32
20 22 24 26 28 30 32 34 36 38 40 42 44 46
CONSTANT DRAIN VOLTAGE BIAS
CONSTANT GATE CURRENT BIAS
Figure 62. Output P1dB vs. Frequency, VDD = 5 V, Constant Drain Current Bias
vs. Constant Gate Voltage Bias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com