Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7006CHIP Datasheet(PDF) 5 Page - Analog Devices

Part # ADPA7006CHIP
Description  18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7006CHIP Datasheet(HTML) 5 Page - Analog Devices

  ADPA7006CHIP Datasheet HTML 1Page - Analog Devices ADPA7006CHIP Datasheet HTML 2Page - Analog Devices ADPA7006CHIP Datasheet HTML 3Page - Analog Devices ADPA7006CHIP Datasheet HTML 4Page - Analog Devices ADPA7006CHIP Datasheet HTML 5Page - Analog Devices ADPA7006CHIP Datasheet HTML 6Page - Analog Devices ADPA7006CHIP Datasheet HTML 7Page - Analog Devices ADPA7006CHIP Datasheet HTML 8Page - Analog Devices ADPA7006CHIP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
ADPA7006CHIP
Rev. 0 | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
Drain Bias Voltage (VDDxx)
6.0 V
Gate Bias Voltage (VGG1)
−1.5 V to 0 V
Radio Frequency (RF) Input Power (RFIN)
20 dBm
Continuous Power Dissipation (PDISS),
T = 85°C (Derate 92.6 mW/°C
Above 85°C)
8.3 W
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−55°C to +85°C
Electrostatic Discharge (ESD) Sensitivity
Human Body Model (HBM)
Class 1B Passed,
750 V
Reliability Information
Junction Temperature to Maintain
1,000,000 Hour Mean Time to Failure
(MTTF)
175°C
Nominal Junction Temperature (T = 85°C,
VDD = 5 V, IDQ = 800 mA)
128.2°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to system design and
operating environment. Careful attention to the printed circuit
board (PCB) thermal design is required. θJC is the channel to
case thermal resistance, channel to bottom of die using die
attach epoxy.
Table 6. Thermal Resistance
Package Type
θJC
Unit
C-14-7
10.8
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com