Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7006CHIP Datasheet(PDF) 2 Page - Analog Devices

Part # ADPA7006CHIP
Description  18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7006CHIP Datasheet(HTML) 2 Page - Analog Devices

  ADPA7006CHIP Datasheet HTML 1Page - Analog Devices ADPA7006CHIP Datasheet HTML 2Page - Analog Devices ADPA7006CHIP Datasheet HTML 3Page - Analog Devices ADPA7006CHIP Datasheet HTML 4Page - Analog Devices ADPA7006CHIP Datasheet HTML 5Page - Analog Devices ADPA7006CHIP Datasheet HTML 6Page - Analog Devices ADPA7006CHIP Datasheet HTML 7Page - Analog Devices ADPA7006CHIP Datasheet HTML 8Page - Analog Devices ADPA7006CHIP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADPA7006CHIP
Data Sheet
Rev. 0 | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
18 GHz to 20 GHz Frequency Range......................................... 3
 
20 GHz to 28 GHz Frequency Range......................................... 3
 
28 GHz to 36 GHz Frequency Range......................................... 4
 
36 GHz to 44 GHz Frequency Range......................................... 4
 
Absolute Maximum Ratings............................................................ 5
 
ESD Caution.................................................................................. 5
 
Pin Configuration and Function Descriptions............................. 6
 
Interface Schematics..................................................................... 6
 
Typical Performance Characteristic............................................... 7
 
Constant Drain Current (IDD) Operation................................ 14
 
Theory of Operation ...................................................................... 15
 
Applications Information .............................................................. 16
 
Mounting and Bonding Techniques for Millimeterwave GaAs
MMICs......................................................................................... 16
 
Biasing the ADPA7006CHIP with the HMC980LP4E.............. 18
 
Application Circuit Setup.......................................................... 18
 
Limiting VGATE for the ADPA7006CHIP VGGx AMR
(Absolute Maximum Rating) Requirement ............................ 18
 
HMC980LP4E Bias Sequence................................................... 20
 
Constant Drain Current Biasing vs. Constant Gate Voltage
Biasing.......................................................................................... 20
 
Typical Application Circuit ........................................................... 22
 
Assembly Diagrams........................................................................ 23
 
Primary Assembly Diagram...................................................... 23
 
Alternate Assembly Diagram.................................................... 23
 
Outline Dimensions ....................................................................... 24
 
Ordering Guide .......................................................................... 24
 
REVISION HISTORY
7/2019—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com