Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7006CHIP Datasheet(PDF) 19 Page - Analog Devices

Part # ADPA7006CHIP
Description  18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7006CHIP Datasheet(HTML) 19 Page - Analog Devices

Back Button ADPA7006CHIP Datasheet HTML 15Page - Analog Devices ADPA7006CHIP Datasheet HTML 16Page - Analog Devices ADPA7006CHIP Datasheet HTML 17Page - Analog Devices ADPA7006CHIP Datasheet HTML 18Page - Analog Devices ADPA7006CHIP Datasheet HTML 19Page - Analog Devices ADPA7006CHIP Datasheet HTML 20Page - Analog Devices ADPA7006CHIP Datasheet HTML 21Page - Analog Devices ADPA7006CHIP Datasheet HTML 22Page - Analog Devices ADPA7006CHIP Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
ADPA7006CHIP
Rev. 0 | Page 19 of 24
HMC980LP4E
ADPA7006CHIP
24 23 22
23
4
5
6
14
13
12
11
10
7
9
8
1
21 20 19
7
8
9
10 11 12
R10
125Ω
R13
4.75kΩ
R11
301Ω
R12
301Ω
R14
10kΩ
1
VDRAIN
VDRAIN
VGATE
VNEG
VG2
VG2_CONT
2
3
4
5
6
18
17
16
15
14
13
C2
10nF
C3
100pF
C4
4.7µF
C5
10nF
C1
4.7µF
C6
1µF
C7
10µF
D1 DUAL
SCHOTTKY
VDD
5.77V
VDIG
3.3V TO 5.0V
R15
866kΩ
R16
634kΩ
VDRAIN = 5V
IDRAIN = 900mA
VDD
VDD
S0
S1
EN
EN
ALM
C17
4.7µF
C18
1000pF
C19
100pF
C8
4.7µF
C9
1000pF
C10
100pF
C20
100pF
C21
100pF
C22
100pF
C23
100pF
C24
100pF
C11
100pF
C12
100pF
C13
100pF
C14
100pF
C16
4.7µF
C15
1000pF
RFIN
VDD1x
VDD2x
VDD3x
VDD4x
RFOUT
Figure 55. Application Circuit Using the HMC980LP4E with the ADPA7006CHIP
HMC980LP4E
ADPA7006CHIP
24 23 22 21 20 19
7
8
9
101112
R10
165Ω
R13
4.75kΩ
R11
301Ω
R12
301Ω
R14
10kΩ
1
VDRAIN
VDRAIN
VGATE
VNEG
VG2
VG2_CONT
2
3
4
5
6
18
17
16
15
14
13
C2
10nF
C3
100pF
C4
4.7µF
C5
10nF
C1
4.7µF
VDD
5.77V
VDIG
3.3V TO 5.0V
VNEG
–1.5V
R15
732kΩ
R16
634kΩ
VDRAIN = 5V
IDRAIN = 900mA
VDD
VDD
S0
S1
EN
EN
ALM
C17
4.7µF
C18
1000pF
C19
100pF
C8
4.7µF
C9
1000pF
C10
100pF
C20
100pF
C21
100pF
C22
100pF
C23
100pF
C24
100pF
C11
100pF
C12
100pF
C13
100pF
C14
100pF
C16
4.7µF
C15
1000pF
RFIN
RFOUT
VDD1x
VDD2x
VDD3x
VDD4x
23
4
5
6
14
13
12
11
10
7
9
8
1
Figure 56. Application Circuit Using the HMC980LP4E with the ADPA7006CHIP (External Negative Voltage Source)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com