Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7006CHIP Datasheet(PDF) 1 Page - Analog Devices

Part # ADPA7006CHIP
Description  18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7006CHIP Datasheet(HTML) 1 Page - Analog Devices

  ADPA7006CHIP Datasheet HTML 1Page - Analog Devices ADPA7006CHIP Datasheet HTML 2Page - Analog Devices ADPA7006CHIP Datasheet HTML 3Page - Analog Devices ADPA7006CHIP Datasheet HTML 4Page - Analog Devices ADPA7006CHIP Datasheet HTML 5Page - Analog Devices ADPA7006CHIP Datasheet HTML 6Page - Analog Devices ADPA7006CHIP Datasheet HTML 7Page - Analog Devices ADPA7006CHIP Datasheet HTML 8Page - Analog Devices ADPA7006CHIP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
18 GHz to 44 GHz, GaAs, pHEMT, MMIC,
1/2 W Power Amplifier
Data Sheet
ADPA7006CHIP
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Output P1dB: 29 dBm
PSAT: 29.5 dBm
Gain: 23.5 dB
Output IP3: 38 dBm
Supply voltage: 5 V at 800 mA
Integrated power detector
50 Ω matched input/output
Die size: 2.750 mm × 1.805 mm × 0.102 mm
APPLICATIONS
Military and space
Test instrumentation
Communications
FUNCTIONAL BLOCK DIAGRAM
VGGB
VDD4B
VREF
RFIN
RFOUT
VDET
VDD3A
VDD4A
VDD2A
VDD1A
VGGA
VDD3B
VDD2B
VDD1B
Figure 1.
GENERAL DESCRIPTION
The ADPA7006CHIP is a gallium arsenide (GaAs),
pseudomorphic high electron mobility transistor (pHEMT),
monolithic microwave integrated circuit (MMIC), distributed
power amplifier that operates from 18 GHz to 44 GHz. The
amplifier provides 23.5 dB of small signal gain, 29 dBm output
power for 1 dB compression, and a typical output third-order
intercept of 38 dBm. The ADPA7006CHIP requires 800 mA
from a 5 V supply on the supply voltage (VDD), and features
inputs and outputs that are internally matched to 50 Ω, facilitating
integration in multichip modules (MCMs). All data is taken
with the chip connected via two 0.025 mm wire bonds that are
less than 0.31 mm long.


Similar Part No. - ADPA7006CHIP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPA7001CHIPS AD-ADPA7001CHIPS Datasheet
573Kb / 18P
Wideband Power Amplifier
3/2019-Rev. 0 to Rev. A
ADPA7001CHIPS AD-ADPA7001CHIPS Datasheet
985Kb / 18P
50 GHz to 95 GHz, GaAs, pHEMT, MMIC, Wideband Power Amplifier
Rev. B
ADPA7001CHIPS-SX AD-ADPA7001CHIPS-SX Datasheet
573Kb / 18P
Wideband Power Amplifier
3/2019-Rev. 0 to Rev. A
ADPA7001CHIPS-SX AD-ADPA7001CHIPS-SX Datasheet
985Kb / 18P
50 GHz to 95 GHz, GaAs, pHEMT, MMIC, Wideband Power Amplifier
Rev. B
ADPA7001CHIPS AD-ADPA7001CHIPS_V01 Datasheet
985Kb / 18P
50 GHz to 95 GHz, GaAs, pHEMT, MMIC, Wideband Power Amplifier
Rev. B
More results

Similar Description - ADPA7006CHIP

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC459 HITTITE-HMC459_07 Datasheet
287Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
HMC459 HITTITE-HMC459_09 Datasheet
277Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
logo
Analog Devices
ADPA7008CHIP AD-ADPA7008CHIP Datasheet
403Kb / 26P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
3/2021-Revision 0
ADPA7007 AD-ADPA7007 Datasheet
589Kb / 23P
20 GHz to 44 GHz, GaAs, pHEMT, 31.5 dBm (>1 W), MMIC Power Amplifier
7/2020-Revision 0
HMC1040CHIPS AD-HMC1040CHIPS Datasheet
349Kb / 14P
20 GHz to 44 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
4/2018-Revision 0
HMC1082CHIP AD-HMC1082CHIP Datasheet
378Kb / 15P
5.5 GHz to 18 GHz, GaAs, pHEMT, MMIC, Medium Power Amplifier
8/2020-Rev. A to Rev. B
ADPA7005CHIP AD-ADPA7005CHIP Datasheet
517Kb / 23P
GaAs, pHEMT, MMIC,1 W Power Amplifier, 20 GHz to 44 GHz
2/2019-Revision 0
ADL8107 AD-ADL8107 Datasheet
2Mb / 24P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 6 GHz to 18 GHz
1/2022-Revision 0
ADPA7008 AD-ADPA7008 Datasheet
2Mb / 28P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
Rev. 0
ADPA7005-EVALZ AD-ADPA7005-EVALZ Datasheet
287Kb / 6P
Evaluating the ADPA7005 18 GHz to 44 GHz, GaAs, pHEMT, 32 dBm (>1 W), MMIC Power Amplifier
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com