Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7006CHIP Datasheet(PDF) 11 Page - Analog Devices

Part # ADPA7006CHIP
Description  18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7006CHIP Datasheet(HTML) 11 Page - Analog Devices

Back Button ADPA7006CHIP Datasheet HTML 7Page - Analog Devices ADPA7006CHIP Datasheet HTML 8Page - Analog Devices ADPA7006CHIP Datasheet HTML 9Page - Analog Devices ADPA7006CHIP Datasheet HTML 10Page - Analog Devices ADPA7006CHIP Datasheet HTML 11Page - Analog Devices ADPA7006CHIP Datasheet HTML 12Page - Analog Devices ADPA7006CHIP Datasheet HTML 13Page - Analog Devices ADPA7006CHIP Datasheet HTML 14Page - Analog Devices ADPA7006CHIP Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
ADPA7006CHIP
Rev. 0 | Page 11 of 24
–8
12
10
8
4
26
0
–4
–2
–6
INPUT POWER (dBm)
POUT
GAIN
PAE
IDD
35
0
5
10
15
20
25
30
1552
775
886
997
1108
1219
1330
1441
Figure 34. POUT, Gain, PAE, and IDD vs. Input Power, 34 GHz, VDD = 5 V,
IDD = 800 mA
POUT
GAIN
PAE
IDD
30
0
5
10
15
20
25
1441
775
886
997
1108
1219
1330
–8
10
8
4
26
0
–4
–2
–6
INPUT POWER (dBm)
Figure 35. POUT, Gain, PAE, and IDD vs. Input Power, 42 GHz, VDD = 5 V,
IDD = 800 mA
46
44
36
40
42
34
38
32
30
28
26
20
22
24
18
44
38
30
42
34
36
40
32
28
26
24
22
20
FREQUENCY (GHz)
5V
4V
Figure 36. Output IP3 vs. Frequency for Various Supply Voltages (VDD), POUT per
Tone = 14 dBm, VDD = 5 V, IDQ = 800 mA
POUT
GAIN
PAE
IDD
30
0
5
10
15
20
25
1441
775
886
997
1108
1219
1330
–8
10
8
4
26
0
–4
–2
–6
INPUT POWER (dBm)
Figure 37. POUT, Gain, PAE, and IDD vs. Input Power, 38 GHz, VDD = 5 V,
IDD = 800 mA
46
44
36
40
42
34
38
32
30
28
26
20
22
24
18
44
38
30
42
34
36
40
32
28
26
24
22
20
FREQUENCY (GHz)
+85°C
+25°C
–20°C
Figure 38. Output IP3 vs. Frequency for Various Temperatures, POUT per Tone =
14 dBm, VDD = 5 V, IDD = 800 mA
46
44
36
40
42
34
38
32
30
28
26
20
22
24
18
44
38
30
42
34
36
40
32
28
26
24
22
20
FREQUENCY (GHz)
–20°C
–40°C
–55°C
Figure 39. Output IP3 vs. Frequency for Various Temperatures, POUT per Tone =
14 dBm, VDD = 5 V, IDQ = 800 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com