Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7006CHIP Datasheet(PDF) 13 Page - Analog Devices

Part # ADPA7006CHIP
Description  18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7006CHIP Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPA7006CHIP Datasheet HTML 9Page - Analog Devices ADPA7006CHIP Datasheet HTML 10Page - Analog Devices ADPA7006CHIP Datasheet HTML 11Page - Analog Devices ADPA7006CHIP Datasheet HTML 12Page - Analog Devices ADPA7006CHIP Datasheet HTML 13Page - Analog Devices ADPA7006CHIP Datasheet HTML 14Page - Analog Devices ADPA7006CHIP Datasheet HTML 15Page - Analog Devices ADPA7006CHIP Datasheet HTML 16Page - Analog Devices ADPA7006CHIP Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
ADPA7006CHIP
Rev. 0 | Page 13 of 24
–12
12
4
28
10
6
0
–4
–2
–6
–8
–10
INPUT POWER (dBm)
42GHz
38GHz
34GHz
30GHz
26GHz
22GHz
6.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Figure 44. Power Dissipation vs. Input Power at T = 85°C, VDD = 5 V,
IDD = 800 mA
–10
10
26
8
4
0
–2
–4
–6
–8
INPUT POWER (dBm)
42GHz
38GHz
34GHz
30GHz
26GHz
22GHz
1500
700
800
900
1000
1100
1200
1300
1400
Figure 45. Supply Current (IDD) vs. Input Power at Various Frequencies, VDD = 5 V,
IDQ = 800 mA
12
32
24
28
30
26
22
20
18
16
14
OUTPUT POWER (dBm)
+85°C
+25°C
–55°C
1
0.01
0.1
Figure 46. Detector Voltage (VREF − VDET) vs. Output Power for Various
Temperatures at 32 GHz, VDD = 5 V, IDD = 800 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com