Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7006CHIP Datasheet(PDF) 4 Page - Analog Devices

Part # ADPA7006CHIP
Description  18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7006CHIP Datasheet(HTML) 4 Page - Analog Devices

  ADPA7006CHIP Datasheet HTML 1Page - Analog Devices ADPA7006CHIP Datasheet HTML 2Page - Analog Devices ADPA7006CHIP Datasheet HTML 3Page - Analog Devices ADPA7006CHIP Datasheet HTML 4Page - Analog Devices ADPA7006CHIP Datasheet HTML 5Page - Analog Devices ADPA7006CHIP Datasheet HTML 6Page - Analog Devices ADPA7006CHIP Datasheet HTML 7Page - Analog Devices ADPA7006CHIP Datasheet HTML 8Page - Analog Devices ADPA7006CHIP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADPA7006CHIP
Data Sheet
Rev. 0 | Page 4 of 24
28 GHz TO 36 GHz FREQUENCY RANGE
TA = 25°C, VDD = 5 V, IDQ = 800 mA for nominal operation, unless otherwise noted.
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
28
36
GHz
GAIN
21.5
23.5
dB
Gain Flatness
±0.5
dB
Gain Variation Over Temperature
0.016
dB/°C
NOISE FIGURE
5.5
dB
RETURN LOSS
Input
16
dB
Output
23
dB
OUTPUT
Output Power for 1 dB Compression
P1dB
26.5
29
dBm
Saturated Output Power
PSAT
29.5
dBm
Output Third-Order Intercept
IP3
38
dBm
Measurement taken at POUT per tone = 14 dBm
SUPPLY
Current
IDQ
800
mA
Adjust the gate bias voltage (VGGx) from −1.5 V to
0 V to achieve the desired IDQ
Voltage
VDD
4
5
V
36 GHz TO 44 GHz FREQUENCY RANGE
TA = 25°C, VDD = 5 V, IDQ = 800 mA for nominal operation, unless otherwise noted.
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
34
44
GHz
GAIN
21
23
dB
Gain Flatness
±0.3
dB
Gain Variation Over Temperature
0.03
dB/°C
NOISE FIGURE
5
dB
RETURN LOSS
Input
23
dB
Output
23
dB
OUTPUT
Output Power for 1 dB Compression
P1dB
24.2
27
dBm
Saturated Output Power
PSAT
28
dBm
Output Third-Order Intercept
IP3
38
dBm
Measurement taken at POUT per tone = 14 dBm
SUPPLY
Current
IDQ
800
mA
Adjust the gate bias voltage (VGGX) from −1.5 V to
0 V to achieve the desired IDQ
Voltage
VDD
4
5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com