Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7006CHIP Datasheet(PDF) 6 Page - Analog Devices

Part # ADPA7006CHIP
Description  18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7006CHIP Datasheet(HTML) 6 Page - Analog Devices

Back Button ADPA7006CHIP Datasheet HTML 2Page - Analog Devices ADPA7006CHIP Datasheet HTML 3Page - Analog Devices ADPA7006CHIP Datasheet HTML 4Page - Analog Devices ADPA7006CHIP Datasheet HTML 5Page - Analog Devices ADPA7006CHIP Datasheet HTML 6Page - Analog Devices ADPA7006CHIP Datasheet HTML 7Page - Analog Devices ADPA7006CHIP Datasheet HTML 8Page - Analog Devices ADPA7006CHIP Datasheet HTML 9Page - Analog Devices ADPA7006CHIP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADPA7006CHIP
Data Sheet
Rev. 0 | Page 6 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VREF
RFIN
RFOUT
VDET
ADPA7006
TOP VIEW
(Not to Scale)
VGGB
VDD4B
VDD3A
VDD4A
VDD2A
VDD1A
VGGA
VDD3B
VDD2B
VDD1B
2
1
8
34
5
6
7
14
13
12
11
10
9
Figure 2. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RFIN
RF Signal Input. This pad is ac-coupled and matched to 50 Ω.
2, 14
VGGA, VGGB
Amplifier Gate Control.
3, 4, 5, 6, 10,
11, 12, 13
VDD1B, VDD2B,
VDD3B, VDD4B,
VDD4A, VDD3A,
VDD2A, VDD1A
Drain Bias for the Amplifier.
7
VREF
Reference Diode. Use this pad for temperature compensation of the VDET RF output power measurements.
When used in combination with VDET, this voltage provides temperature compensation to the VDET RF
output power measurements.
8
RFOUT
RF Signal Output. This pad is ac-coupled and matched to 50 Ω.
9
VDET
Detector Diode for Measuring the RF Output Power. Detection via this pad requires the application of a dc
bias voltage through an external series resistor. When used in combination with VREF, the difference
voltage, VREF − VDET, is a temperature compensated dc voltage proportional to the RF output power.
Die Bottom
GND
The pads and die bottom must be connected to RF and dc ground.
INTERFACE SCHEMATICS
GND
Figure 3. GND Interface Schematic
VREF
Figure 4. VREF Interface Schematic
VDET
Figure 5. VDET Interface Schematic
RFIN
Figure 6. RFIN Interface Schematic
VGGA,
VGGB
Figure 7. VGGA, VGGB Interface Schematic
RFOUT
Figure 8. RFOUT Interface Schematic
VDD1A, VDD1B
TO
VDD4A, VDD4B
Figure 9. VDD1A, VDD1B to VDD4A, VDD4B Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com