Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7006CHIP Datasheet(PDF) 8 Page - Analog Devices

Part # ADPA7006CHIP
Description  18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7006CHIP Datasheet(HTML) 8 Page - Analog Devices

Back Button ADPA7006CHIP Datasheet HTML 4Page - Analog Devices ADPA7006CHIP Datasheet HTML 5Page - Analog Devices ADPA7006CHIP Datasheet HTML 6Page - Analog Devices ADPA7006CHIP Datasheet HTML 7Page - Analog Devices ADPA7006CHIP Datasheet HTML 8Page - Analog Devices ADPA7006CHIP Datasheet HTML 9Page - Analog Devices ADPA7006CHIP Datasheet HTML 10Page - Analog Devices ADPA7006CHIP Datasheet HTML 11Page - Analog Devices ADPA7006CHIP Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADPA7006CHIP
Data Sheet
Rev. 0 | Page 8 of 24
0
–25
–20
–15
–10
–5
18
44
38
30
42
34
36
40
32
28
26
24
22
20
FREQUENCY (GHz)
700mA
800mA
900mA
Figure 16. Input Return Loss vs. Frequency for Various IDQ Values, VDD = 5 V
0
–5
–10
–15
–30
–25
–20
18
44
38
30
42
34
36
40
32
28
26
24
22
20
FREQUENCY (GHz)
5V
4V
Figure 17. Output Return Loss vs Frequency for Various Supply Voltages
(VDD), IDQ = 800 mA
0
–10
–20
–30
–40
–50
–70
–60
18
44
38
30
42
34
36
40
32
28
26
24
22
20
FREQUENCY (GHz)
+85°C
+25°C
–55°C
Figure 18. Reverse Isolation vs. Frequency for Various Temperatures,
VDD = 5 V, IDQ = 800 mA
18
44
38
30
42
34
36
40
32
28
26
24
22
20
FREQUENCY (GHz)
+85°C
+25°C
–55°C
0
–25
–20
–15
–10
–5
Figure 19. Output Return Loss vs. Frequency for Various Temperatures,
VDD = 5 V, IDQ = 800 mA
18
44
38
30
42
34
36
40
32
28
26
24
22
20
FREQUENCY (GHz)
0
–25
–20
–15
–10
–5
700mA
800mA
900mA
Figure 20. Output Return Loss vs. Frequency for Various Supply Currents (IDQ),
VDD = 5 V
12
0
2
4
6
10
8
18
44
38
30
42
34
36
40
32
28
26
24
22
20
FREQUENCY (GHz)
+85°C
+25°C
–55°C
Figure 21. Noise Figure vs. Frequency for Various Temperatures, VDD = 5 V,
IDQ = 800 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com