Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7006CHIP Datasheet(PDF) 18 Page - Analog Devices

Part # ADPA7006CHIP
Description  18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7006CHIP Datasheet(HTML) 18 Page - Analog Devices

Back Button ADPA7006CHIP Datasheet HTML 14Page - Analog Devices ADPA7006CHIP Datasheet HTML 15Page - Analog Devices ADPA7006CHIP Datasheet HTML 16Page - Analog Devices ADPA7006CHIP Datasheet HTML 17Page - Analog Devices ADPA7006CHIP Datasheet HTML 18Page - Analog Devices ADPA7006CHIP Datasheet HTML 19Page - Analog Devices ADPA7006CHIP Datasheet HTML 20Page - Analog Devices ADPA7006CHIP Datasheet HTML 21Page - Analog Devices ADPA7006CHIP Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADPA7006CHIP
Data Sheet
Rev. 0 | Page 18 of 24
BIASING THE ADPA7006CHIP WITH THE HMC980LP4E
The HMC980LP4E is an active bias controller designed to meet
the bias requirements for enhancement mode and depletion
mode amplifiers, such as the ADPA7006CHIP. The controller
provides constant drain current biasing over temperature and
device to device variation, and properly sequences gate and drain
voltages to ensure the safe operation of the amplifier. The
HMC980LP4E also offers self protection in the event of a short
circuit, an internal charge pump that generates the negative
voltage needed on the gate of the ADPA7006CHIP, and
the option to use an external negative voltage source. The
HMC980LP4E is also available in die form as the HMC980-
DIE.
2
1
3
4
5
6
18
17
16
15
14
13
ALM
EN
S1
S0
VDD
VDD
VG2_CONT
PACKAGE
BASE
GND
VG2
VNEG
VGATE
VDRAIN
VDRAIN
CONTROL
BLOCK
GATE
CONTROL
HMC980LP4E
BAND GAP
NEGATIVE
VOLTAGE
GENERATOR
Figure 54. HMC980LP4E Active Bias Control
APPLICATION CIRCUIT SETUP
Figure 55 shows an application circuit using the HMC980LP4E
to control the ADPA7006CHIP. When using an external negative
supply for VNEG, refer to the application circuit shown in
Figure 56.
In the application circuit shown in Figure 55, the ADPA7006CHIP
drain voltage and drain current are set by the following equations:
VDRAIN (5 V) = VDD (5.77 V) − IDRAIN (900 mA) × 0.85
IDRAIN (900 mA) = 150 ÷ R10 (125 Ω)
LIMITING VGATE FOR THE ADPA7006CHIP VGGx
AMR (ABSOLUTE MAXIMUM RATING)
REQUIREMENT
When using the HMC980LP4E to control the ADPA7006CHIP,
the minimum voltages for VNEG and VGATE must be −1.5 V
to keep them within the absolute maximum rating limit for the
VGGx pad of the ADPA7006CHIP. To set the minimum voltages, set
R15 and R16 to the values shown in Figure 56 and Figure 57. Refer
to the AN-1363 Application Note for more information and
calculations for R15 and R16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com