Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7006CHIP Datasheet(PDF) 20 Page - Analog Devices

Part # ADPA7006CHIP
Description  18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7006CHIP Datasheet(HTML) 20 Page - Analog Devices

Back Button ADPA7006CHIP Datasheet HTML 16Page - Analog Devices ADPA7006CHIP Datasheet HTML 17Page - Analog Devices ADPA7006CHIP Datasheet HTML 18Page - Analog Devices ADPA7006CHIP Datasheet HTML 19Page - Analog Devices ADPA7006CHIP Datasheet HTML 20Page - Analog Devices ADPA7006CHIP Datasheet HTML 21Page - Analog Devices ADPA7006CHIP Datasheet HTML 22Page - Analog Devices ADPA7006CHIP Datasheet HTML 23Page - Analog Devices ADPA7006CHIP Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADPA7006CHIP
Data Sheet
Rev. 0 | Page 20 of 24
HMC980LP4E BIAS SEQUENCE
The dc supply sequence described in this section is required to
prevent damage to the HMC980LP4E when using the device to
control the ADPA7006CHIP.
Power-Up Sequence
The power-up sequence for the HMC980LP4E is as follows:
1.
VDIG = 3.3 V.
2.
S0 = 3.3 V.
3.
VDD = 5.77 V.
4.
VNEG = −1.5 V (this step is unnecessary if using an
internally generated voltage).
5.
EN = 3.3 V (transition from 0 V to 3.3 V turns on VGATE
and VDRAIN)
Power-Down Sequence
The power-down sequence for the HMC980LP4E is as follows:
1.
EN = 0 V (transition from 3.3 V to 0 V turns off VDRAIN and
VGATE).
2.
VNEG = 0 V (unnecessary if using internally generated
voltage).
3.
VDD = 0 V.
4.
S0 = 0 V.
5.
VDIG = 0 V.
After the HMC980LP4E bias control circuit is set up, toggle
the bias to the ADPA7006CHIP on or off by applying 3.3 V or
0 V, respectively, to the EN pad. At EN = 3.3 V, VGATE drops to
−1.5 V and VDRAIN turns on at 5 V. VGATE then rises until IDRAIN =
800 mA, and the closed control loop regulates IDRAIN at 900 mA.
When EN = 0 V, VDRAIN is set to −1.5 V and VDRAIN is set to 0 V.
3
CH1 2V
CH3 2V
CH2 1V
CH4 2V
M20.0ms
A CH1
1.12V
50.00%
1
T
VDD
VDRAIN
EN
VGATE
Figure 57. Turn On HMC980LP4E Outputs to ADPA7006CHIP
3
CH1 2V
CH3 2V
CH2 1V
CH4 2V
M20.0ms
A CH1
1.12V
50.00%
1
T
VDD
VDRAIN
EN
VGATE
Figure 58. Turn Off HMC980LP4E Outputs to ADPA7006CHIP
CONSTANT DRAIN CURRENT BIASING vs.
CONSTANT GATE VOLTAGE BIASING
The HMC980LP4E uses closed-loop feedback to continuously
adjust VGATE to maintain a constant gate current bias over dc
supply variation, temperature, and device to device variation. In
addition, constant drain current bias is the optimum method
for reducing time in calibration procedures and for maintaining
consistent performance over time. By comparing with a constant
gate voltage bias where the current is driven to increase when
RF power is applied, a slightly lower output P1dB is seen with a
constant drain current bias. This output P1db is shown in
Figure 62, where the RF performance is slightly lower than
constant gate voltage bias operation due to a lower drain current
at high input powers as the device reaches 1dB compression.
The output P1dB performance for constant drain current bias
can be increased toward constant gate voltage bias performance
by increasing the set current toward the IDD it reaches under RF
drive in the constant gate voltage bias condition, as shown in
Figure 62. The limit of increasing IDQ under the constant current
operation is set by thermal limitations which can be found in
the absolute maximum ratings table from the amplifier data
sheet with the maximum power dissipation specification. As the
IDD increase continues, the actual output P1dB does not continue to
increase indefinitely and the power dissipation increases. Therefore,
take the exchange between power dissipation and output P1dB
performance into consideration when using constant drain
current biasing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com